Electronic Components Datasheet Search
  English  ▼

X  

HT48F50E Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT48F50E
Description  I/O Flash Type MCU with EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48F50E Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT48F50E Datasheet HTML 17Page - Holtek Semiconductor Inc HT48F50E Datasheet HTML 18Page - Holtek Semiconductor Inc HT48F50E Datasheet HTML 19Page - Holtek Semiconductor Inc HT48F50E Datasheet HTML 20Page - Holtek Semiconductor Inc HT48F50E Datasheet HTML 21Page - Holtek Semiconductor Inc HT48F50E Datasheet HTML 22Page - Holtek Semiconductor Inc HT48F50E Datasheet HTML 23Page - Holtek Semiconductor Inc HT48F50E Datasheet HTML 24Page - Holtek Semiconductor Inc HT48F50E Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
HT48F50E
Rev. 1.50
21
July 28, 2009
WriteCommand:
; Write instruction code subroutine
MOV
A,3
; Read, write and erase instructions are 3 bits
; long
MOV
COUNT,A
SET
_SK
; Dummy bit transmission for 256x8 bit EEPROM Memory
; capacity
CLR
_SK
; Not required for 128x8 bit EEPROM Memory capacity devices
WriteCommand_0:
CLR
_DI
; Prepare the transmitted bit
SZ
EE_command.7
; Check value of highest instruction code bit
SET
_DI
SET
_SK
CLR
_SK
CLR
C
RLC
EE_command
; Get next bit of instruction code
SDZ
COUNT
; Check if last bit has been transmitted
JMP
WriteCommand_0
CLR
_DI
RET
Example 2
- Transmitting an Address to the EEPROM
WriteAddr:
; Write address subroutine
MOV
A,C_Addr_Length
; Setup address length
MOV
COUNT,A
SET
_SK
; Dummy bit transmission for 256
´8 bit EEPROM Memory
; capacity
CLR
_SK
; Not required for 128x8 bit EEPROM Memory capacity devices
WriteAddr_0:
CLR
_DI
SZ
ADDR.7
; Check value of address MSB
SET
_DI
CLR
C
RLC
ADDR
; Get next address bit
SET
_SK
CLR
_SK
SDZ
COUNT
; Check if address LSB has been written
JMP
WriteAddr_0
CLR
_DI
RET
Example 3
- Writing Data to the EEPROM
WriteData:
MOV
A,C_Data_Length
; Setup data length
MOV
COUNT,A
WriteData_0:
CLR
_DI
SZ
WR_Data.7
; Check value of data MSB
SET
_DI
CLR
C
RLC
WR_Data
; Get next address bit
SET
_SK
CLR
_SK
SDZ
COUNT
; Check if data LSB has been written
JMP
WriteData_0
CLR
_CS
; CS low edge initiates internal write cycle
SET
_CS
; CS high edge allows DO to be used to indicate
; end of write cycle
SNZ
_DO
; Poll for DO high to indicate end of write
; cycle
JMP
$-1
RET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com