Electronic Components Datasheet Search
  English  ▼

X  

HT48F06E Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT48F06E
Description  I/O Flash Type MCU with EEPROM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48F06E Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT48F06E Datasheet HTML 1Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 2Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 3Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 4Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 5Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 6Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 7Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 8Page - Holtek Semiconductor Inc HT48F06E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
HT48F30E
Pin Name
I/O
Configuration
Option
Description
PA0~PA7
I/O
Pull-high
Wake-up
Schmitt Trigger
Bidirectional 8-bit input/output port. Each pin can be configured as a wake-up
input by configuration option. Software instructions determine if the pin is a
CMOS output or input. Configuration options determine if all pins on this port
have pull-high resistors and if the inputs are Schmitt Trigger or non-Schmitt
Trigger.
PB0/BZ
PB1/BZ
PB2~PB7
I/O
Pull-high
I/O or BZ/BZ
Bidirectional 8-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt Trigger input. A configuration option determines
if all pins on this port have pull-high resistors. Pins PB0 and PB1 are
pin-shared with BZ and BZ, respectively.
PC0/TMR
PC1~PC5
I/O
Pull-high
Bidirectional 6-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt Trigger input. A configuration option determines
if all pins on this port have pull-high resistors. PC0 is pin-shared with external
timer pin TMR.
PG0/INT
I/O
Pull-high
Bidirectional 1-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt Trigger input. A configuration option determines
if the pin has a pull-high resistor. PG0 is pin-shared with external interrupt pin
INT.
OSC1
OSC2
I
O
Crystal or RC
OSC1, OSC2 are connected to an external RC network or external crystal,
determined by configuration option, for the internal system clock. If the RC
system clock option is selected, pin OSC2 can be used to measure the sys-
tem clock at 1/4 frequency.
RES
I
¾
Schmitt Trigger reset input. Active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
Note:
1. Each pin on PA can be programmed through a configuration option to have a wake-up function.
2. Individual pins cannot be selected to have pull-high resistors. If the pull-high configuration is chosen for
a particular port, then all input pins on this port will be connected to pull-high resistors.
3. Pins PC1 and PC3~PC5 only exist on the 28-pin package. On the 24-pin package, these pins are not
available.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT48F06E/HT48F10E/HT48F30E
Rev. 1.60
4
July 29, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com