| Electronic Components Datasheet Search |
|
HT48F10E Datasheet(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48F10E Datasheet(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 74 page ![]() Pin Description HT48F06E Pad Name I/O Options Description PA0~PA7 I/O Pull-high Wake-up Bidirectional 8-bit input/output port. Each pin can be configured as a wake-up input by configuration option. Software instructions determine if the pin is a CMOS output or Schmitt Trigger input. A configuration option determines if all pins on this port have pull-high resistors. PB0/BZ PB1/BZ PB2 I/O Pull-high I/O or BZ/BZ Bidirectional 3-bit input/output port. Software instructions determine if the pin is a CMOS output or Schmitt Trigger input. A configuration option determines if all pins on this port have pull-high resistors. Pins PB0 and PB1 are pin-shared with BZ and BZ, respectively. PC0/INT PC1/TMR I/O Pull-high Bidirectional 2-bit input/output port. Software instructions determine if the pin is a CMOS output or Schmitt Trigger input. A configuration option determines if all pins on this port have pull-high resistors. PC0 is pin-shared with the ex- ternal interrupt pin INT and PC1 is pin-shared with the external timer input pin TMR. OSC1 OSC2 I O Crystal or RC OSC1, OSC2 are connected to an external RC network or external crystal, determined by configuration option, for the internal system clock. If the RC system clock option is selected, pin OSC2 can be used to measure the sys- tem clock at 1/4 frequency. RES I ¾ Schmitt trigger reset input. Active low. VDD ¾¾ Positive power supply VSS ¾¾ Negative power supply, ground. Note: 1. Each pin on PA can be programmed through a configuration option to have a wake-up function. 2. Individual pins cannot be selected to have pull-high resistors. If the pull-high configuration is chosen for a particular port, then all input pins on this port will be connected to pull-high resistors. 3. Pins PB1/BZ and PB2 do not exist on the 16-pin NSOP package type. HT48F10E Pin Name I/O Configuration Option Description PA0~PA7 I/O Pull-high Wake-up Schmitt Trigger Bidirectional 8-bit input/output port. Each pin can be configured as a wake-up input by configuration option. Software instructions determine if the pin is a CMOS output or input. Configuration options determine if all pins on this port have pull-high resistors and if the inputs are Schmitt Trigger or non-Schmitt Trigger. PB0/BZ PB1/BZ PB2~PB7 I/O Pull-high I/O or BZ/BZ Bidirectional 8-bit input/output port. Software instructions determine if the pin is a CMOS output or Schmitt Trigger input. A configuration option determines if all pins on this port have pull-high resistors. Pins PB0 and PB1 are pin-shared with BZ and BZ, respectively. PC0/INT PC1/TMR PC2 I/O Pull-high Bidirectional 3-bit input/output port. Software instructions determine if the pin is a CMOS output or Schmitt Trigger input. A configuration option determines if all pins on this port have pull-high resistors. Pin PC0 is pin-shared with external in- terrupt pin INT and PC1 shared with external timer pin TMR. OSC1 OSC2 I O Crystal or RC OSC1, OSC2 are connected to an external RC network or external crystal, determined by configuration option, for the internal system clock. If the RC system clock option is selected, pin OSC2 can be used to measure the sys- tem clock at 1/4 frequency. RES I ¾ Schmitt Trigger reset input. Active low. VDD ¾¾ Positive power supply VSS ¾¾ Negative power supply, ground Note: 1. Each pin on PA can be programmed through a configuration option to have a wake-up function. 2. Individual pins cannot be selected to have pull-high resistors. If the pull-high configuration is chosen for a particular port, then all input pins on this port will be connected to pull-high resistors. HT48F06E/HT48F10E/HT48F30E Rev. 1.60 3 July 29, 2009 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |