| Electronic Components Datasheet Search |
|
HT48RA3 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48RA3 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc |
|
25 / 38 page ![]() CALL addr Subroutine call Description Unconditionally calls a subroutine at the specified address. The Program Counter then in- crements by 1 to obtain the address of the next instruction which is then pushed onto the stack. The specified address is then loaded and the program continues execution from this new address. As this instruction requires an additional operation, it is a two cycle instruc- tion. Operation Stack ¬ Program Counter + 1 Program Counter ¬ addr Affected flag(s) None CLR [m] Clear Data Memory Description Each bit of the specified Data Memory is cleared to 0. Operation [m] ¬ 00H Affected flag(s) None CLR [m].i Clear bit of Data Memory Description Bit i of the specified Data Memory is cleared to 0. Operation [m].i ¬ 0 Affected flag(s) None CLR WDT Clear Watchdog Timer Description The TO, PDF flags and the WDT are all cleared. Operation WDT cleared TO ¬ 0 PDF ¬ 0 Affected flag(s) TO, PDF CLR WDT1 Pre-clear Watchdog Timer Description The TO, PDF flags and the WDT are all cleared. Note that this instruction works in conjunc- tion with CLR WDT2 and must be executed alternately with CLR WDT2 to have effect. Re- petitively executing this instruction without alternately executing CLR WDT2 will have no effect. Operation WDT cleared TO ¬ 0 PDF ¬ 0 Affected flag(s) TO, PDF CLR WDT2 Pre-clear Watchdog Timer Description The TO, PDF flags and the WDT are all cleared. Note that this instruction works in conjunc- tion with CLR WDT1 and must be executed alternately with CLR WDT1 to have effect. Re- petitively executing this instruction without alternately executing CLR WDT1 will have no effect. Operation WDT cleared TO ¬ 0 PDF ¬ 0 Affected flag(s) TO, PDF HT48RA3/HT48CA3 Rev. 1.50 25 June 29, 2009 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |