Electronic Components Datasheet Search
  English  ▼

X  

HT49C50L Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT49C50L
Description  LCD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C50L Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT49C50L Datasheet HTML 9Page - Holtek Semiconductor Inc HT49C50L Datasheet HTML 10Page - Holtek Semiconductor Inc HT49C50L Datasheet HTML 11Page - Holtek Semiconductor Inc HT49C50L Datasheet HTML 12Page - Holtek Semiconductor Inc HT49C50L Datasheet HTML 13Page - Holtek Semiconductor Inc HT49C50L Datasheet HTML 14Page - Holtek Semiconductor Inc HT49C50L Datasheet HTML 15Page - Holtek Semiconductor Inc HT49C50L Datasheet HTML 16Page - Holtek Semiconductor Inc HT49C50L Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
HT49R50A-1/HT49C50-1/HT49C50L
Rev. 2.20
13
December 16, 2009
The Timer/Event Counter 0 interrupt request flag (T0F),
external interrupt 1 request flag (EIF1), external inter-
rupt 0 request flag (EIF0), enable Timer/Event Counter
0 interrupt bit (ET0I), enable external interrupt 1 bit
(EEI1), enable external interrupt 0 bit (EEI0), and en-
able master interrupt bit (EMI) make up of the Interrupt
Control register 0 (INTC0) which is located at 0BH in the
RAM. The real time clock interrupt request flag (RTF),
time base interrupt request flag (TBF), Timer/Event
Counter 1 interrupt request flag (T1F), enable real time
clock interrupt bit (ERTI), and enable time base interrupt
bit (ETBI), enable Timer/Event Counter 1 interrupt bit
(ET1I) on the other hand, constitute the Interrupt Control
register 1 (INTC1) which is located at 1EH in the RAM.
EMI, EEI0, EEI1, ET0I, ET1I, ETBI, and ERTI are all
used to control the enable/disable status of interrupts.
These bits prevent the requested interrupt from being
serviced. Once the interrupt request flags (RTF, TBF, T0F,
T1F, EIF1, EIF0) are all set, they remain in the INTC1 or
INTC0 respectively until the interrupts are serviced or
cleared by a software instruction.
It is recommended that a program not use the
²CALL
subroutine
² within the interrupt subroutine. It¢s because
interrupts often occur in an unpredictable manner or re-
quire to be serviced immediately in some applications.
At this time, if only one stack is left, and enabling the in-
terrupt is not well controlled, operation of the
²call² in the
interrupt subroutine may damage the original control se-
quence.
Oscillator Configuration
These devices provide three oscillator circuits for sys-
tem clocks, i.e., RC oscillator and crystal oscillator, de-
termined by option. No matter what type of oscillator is
selected, the signal is used for the system clock. The
HALT mode stops the system oscillator and ignores ex-
ternal signal to conserve power.
Of the three oscillators, if the RC oscillator is used, an
external resistor between OSC1 and VSS is required,
and the range of the resistance should be from 24k
W to
1M
W for HT49R50A-1/HT49C50-1 and from 560kW to
1M
W for HT49C50L. The system clock, divided by 4, is
available on OSC2 with pull-high resistor, which can be
used to synchronize external logic. The RC oscillator
provides the most cost effective solution. However, the
frequency of the oscillation may vary with VDD, temper-
ature, and the chip itself due to process variations. It is
therefore, not suitable for timing sensitive operations
where accurate oscillator frequency is desired.
On the other hand, if the crystal oscillator is selected, a
crystal across OSC1 and OSC2 is needed to provide the
feedback and phase shift required for the oscillator, and
no other external components are required. A resonator
may be connected between OSC1 and OSC2 to replace
the crystal and to get a frequency reference, but two ex-
ternal capacitors in OSC1 and OSC2 are required.
There is another oscillator circuit designed for the real
time clock. In this case, only the 32.768kHz crystal oscil-
lator can be applied. The crystal should be connected
between OSC3 and OSC4, and two external capacitors
along with one external resistor are required for the os-
cillator circuit in order to get a stable frequency.
The RTC oscillator circuit can be controlled to oscillate
quickly by setting the
²QOSC² bit (bit 4 of RTCC). It is
recommended to turn on the quick oscillating function
upon power on, and turn it off after 2 seconds.
The WDT oscillator is a free running on-chip RC oscilla-
tor, and no external components are required. Although
the system enters the power down mode, the system
clock stops, and the WDT oscillator still works with a pe-
riod of approximately 65
ms at 5V. The WDT oscillator
can be disabled by option to conserve power.
Watchdog Timer
- WDT
The WDT clock source is implemented by a dedicated
RC oscillator (WDT oscillator) or an instruction clock
(system clock/4) or a real time clock oscillator (RTC os-
cillator). The timer is designed to prevent a software
malfunction or sequence from jumping to an unknown
location with unpredictable results. The WDT can be
disabled by option. But if the WDT is disabled, all execu-
tions related to the WDT lead to no operation.
The WDT time-out period is as fS/2
16~f
S/2
15.
If the WDT clock source chooses the internal WDT oscilla-
tor, the time-out period may vary with temperature, VDD,
and process variations. On the other hand, if the clock
source selects the instruction clock and the
²HALT² in-
struction is executed, WDT may stop counting and lose its
protecting purpose, and the logic can only be restarted by
an external logic.
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 2
O S C 1
O S C 2
f S Y S / 4
V D D
V D D
System Oscillator
O S C 3
O S C 4
32768Hz Crystal/RTC Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com