Electronic Components Datasheet Search
  English  ▼

X  

45L40 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 45L40
Description  SILICON POWER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

45L40 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  45L40 Datasheet HTML 1Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAINA
FEATURES
• Diffused Series
• Available in Normal & Reverse Polarity
• Industrial Grade
• Available In Avalanche Characteristic
ELECTRICALSPECIFICATIONS
I
F
Maximum Average Forward
150A
Current Te=1500C
VFM
Maximum peak forward
1.4V
voltage drop @ Rated IF(AV)
I
FSM
Maximum peak one cycle
3570A
(non-rep) surge current 10 m sec
I
FRM
Maximum peak repetitive
750A
surge current
I2t
Maximum I2t rating (non-rep.) for
64,000 A2 Sec
5 to 10 msec.
45L/150K
SILICON POWER DIODE
THERMAL MECHANICAL SPECIFICATIONS
θθθθθ
JC
Maximum thermal resistance Junction to case
0.250C/W
Tj
Operating Junction Temp.
-650C to 1500C
Tstg
Storage temperature
-650C to 2000C
Mounting torque
2.0 M-kg min,
(Non-lubricated threads)
3.0 M-kg max
W
Approx, weight
150 gms.
ELECTRICALRATINGS
TYPE
45L/150K
10
20
40
60
80
100
120
140
160
VRRM
Max. repetitive peak reverse
100
200
400
600
800
1000
1200
1400 1600
voltage (v)
VR(RMS)
Max. R.M.S. reverse voltage (V)
70
140
280
420
560
700
840
980 1120
VR
Max. D.C. Blocking Voltage (V)
100
200
400
600
800
1000
1200
1400 1600
Recommended R.M.S. working
40
80
160
240
320
400
480
560
640
Voltage(v)
IR(AV)
Max. Average reverse leakage
200
200
200
200
200
200
200
200
200
current @ VRRM Tc 250C (uA)
NAINA SEMICONDUCTOR LTD.,
D-95,SECTOR-63, NOIDA(INDIA)
e-mail:sales@nainasemi.com, web site:www.nainasemi.com
DO - 8


Similar Part No. - 45L40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
45L40 VISHAY-45L40 Datasheet
166Kb / 6P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
45L40 VISHAY-45L40 Datasheet
198Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
logo
New Jersey Semi-Conduct...
45L40 NJSEMI-45L40 Datasheet
66Kb / 2P
Standard Recovery Diodes (Stud Version), 150 A
45L40 NJSEMI-45L40 Datasheet
149Kb / 1P
20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
More results

Similar Description - 45L40

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
70NS NAINA-70NS Datasheet
115Kb / 1P
SILICON POWER DIODE
150NS NAINA-150NS Datasheet
115Kb / 1P
SILICON POWER DIODE
85HF NAINA-85HF Datasheet
78Kb / 1P
SILICON POWER DIODE
70HF NAINA-70HF Datasheet
77Kb / 1P
SILICON POWER DIODE
25F NAINA-25F Datasheet
77Kb / 1P
SILICON POWER DIODE
150U NAINA-150U Datasheet
87Kb / 1P
SILICON POWER DIODE
logo
Powersem GmbH
PSM16 POWERSEM-PSM16 Datasheet
69Kb / 1P
Silicon Power Diode
PSM70 POWERSEM-PSM70 Datasheet
79Kb / 1P
Silicon Power Diode
PSM250 POWERSEM-PSM250 Datasheet
79Kb / 1P
Silicon Power Diode
logo
Meder Electronic
PSMPSMR70 MEDER-PSMPSMR70 Datasheet
146Kb / 1P
Silicon Power Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com