Electronic Components Datasheet Search
  English  ▼

X  

LTL2F7JFTNN Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTL2F7JFTNN
Description  Property of Lite-On Only
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2F7JFTNN Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTL2F7JFTNN Datasheet HTML 1Page - Lite-On Technology Corporation LTL2F7JFTNN Datasheet HTML 2Page - Lite-On Technology Corporation LTL2F7JFTNN Datasheet HTML 3Page - Lite-On Technology Corporation LTL2F7JFTNN Datasheet HTML 4Page - Lite-On Technology Corporation LTL2F7JFTNN Datasheet HTML 5Page - Lite-On Technology Corporation LTL2F7JFTNN Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
  
       
Absolute Maximum Ratings at TA=25
°°°°C
Parameter
Hyper
Red
Super
Red
Red
Yellow
Orange
Amber
Yellow
Yellow
Green
Unit
Power Dissipation
75
75
75
75
75
75
75
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
90
90
90
60
60
60
60
mA
Continuous Forward Current
30
30
30
30
30
30
30
mA
Derating Linear From 70
°C
0.4
0.4
0.4
0.4
0.4
0.4
0.4
mA /
°C
Reverse Voltage
(IR =100 A)
55555
5
5
V
Operating Temperature Range
-40
°C to + 100°C
Storage Temperature Range
-55
°C to + 100°C
Lead Soldering Temperature
[1.6mm(.063") From Body]
260
 for 5 Seconds


   
!
  ! "#



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com