Electronic Components Datasheet Search
  English  ▼

X  

HT56R64 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT56R64
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R64 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT56R64 Datasheet HTML 1Page - Holtek Semiconductor Inc HT56R64 Datasheet HTML 2Page - Holtek Semiconductor Inc HT56R64 Datasheet HTML 3Page - Holtek Semiconductor Inc HT56R64 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56R64 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56R64 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56R64 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56R64 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56R64 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
5.5
V
fSYS=8MHz
3.0
¾
5.5
V
fSYS=12MHz
4.5
¾
5.5
V
AVDD
Analog Operating Voltage
¾ VREF=AVDD
3.0
¾
5.0
V
IDD1
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=fM=1MHz
ADC off
¾
140
210
mA
5V
¾
320
480
mA
IDD2
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=fM=2MHz
ADC off
¾
200
300
mA
5V
¾
440
660
mA
IDD3
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=fM=4MHz
ADC off
¾
400
600
mA
5V
¾
800
1200
mA
IDD4
Operating Current
(EC Mode, Filter On)
3V
No load, fSYS=fM=4MHz
ADC off
¾
320
480
mA
5V
¾
550
820
mA
IDD5
Operating Current
(EC Mode, Filter Off)
3V
No load, fSYS=fM=4MHz
ADC off
¾
300
450
mA
5V
¾
530
800
mA
IDD6
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=fM=8MHz
ADC off
¾
1.5
3.0
mA
IDD7
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=fM=12MHz
ADC off
¾
2.0
4.0
mA
IDD8
Operating Current
(Slow Mode, fM=4MHz)
(Crystal OSC, RC OSC)
3V
No load,
fSYS=fSLOW=500kHz
ADC off
¾
130
200
mA
5V
¾
300
450
mA
IDD9
Operating Current
(Slow Mode, fM=4MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=1MHz
ADC off
¾
170
260
mA
5V
¾
370
560
mA
IDD10
Operating Current
(Slow Mode, fM=4MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=2MHz
ADC off
¾
250
380
mA
5V
¾
520
780
mA
IDD11
Operating Current
(Slow Mode, fM=8MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=1MHz
ADC off
¾
220
330
mA
5V
¾
480
720
mA
IDD12
Operating Current
(Slow Mode, fM=8MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=2MHz
ADC off
¾
300
450
mA
5V
¾
630
950
mA
IDD13
Operating Current
(Slow Mode, fM=8MHz)
(Crystal OSC, RC OSC)
3V
No load, fSYS=fSLOW=4MHz
ADC off
¾
460
690
mA
5V
¾
920
1380
mA
IDD14
Operating Current
(fSYS=32768Hz (note 1)
or 32K_INT internal RC OSC)
3V
No load, WDT off, ADC off,
LCD on (note 2),
R type, VLCD=VDD,
1/2 bias (RBIAS=400k
W)
¾
12
18
mA
5V
¾
18
24
mA
IDD15
Operating Current
(fSYS=32768Hz (note 1)
or 32K_INT internal RC OSC)
3V
No load, WDT off, ADC off,
LCD on (note 2),
R type, VLCD=VDD,
1/3 bias (RBIAS=600k
W)
¾
10
15
mA
5V
¾
15
22
mA
HT56R64
Rev. 1.40
5
September 8, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com