Electronic Components Datasheet Search
  English  ▼

X  

HT56R644 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT56R644
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R644 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT56R644 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 9Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 10Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 12Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IDD15
Operating Current
(fSYS=32768Hz (note 1)
or 32K_INT internal RC OSC)
3V
No load, WDT off,
LCD on (note 2), R type,
VLCD1=VDD,
1/3 bias (RBIAS=600k
W)
¾
10
15
mA
5V
¾
18
27
mA
IDD16
Operating Current
(fSYS=32768Hz (note 1)
or 32K_INT internal RC OSC)
3V
No load, WDT off,
LCD on (note 2), C type
1/3 bias, VLCD1=3V
¾
812
mA
5V
¾
12
18
mA
IDD17
Operating Current
(fSYS=32768Hz (note 1)
or 32K_INT internal RC OSC)
3V
No load, WDT off,
LCD on (note 2), C type
1/2 bias, VLCD1=3V
¾
812
mA
5V
¾
12
18
mA
IDD18
Operating Current
(fSYS=32768Hz (note 1)
or 32K_INT internal RC OSC)
3V
No load, LCD off, WDT off
¾
69
mA
5V
¾
10
15
mA
ISTB1
Standby Current ( Sleep)
(fSYS,fSUB,fS,fLCD,fWDT=off)
3V
No load, system HALT,
WDT off
¾
0.2
1.0
mA
5V
¾
0.3
2.0
mA
ISTB2
Standby Current ( Sleep)
(fSYS,fLCD,fWDT=fSUB=32768Hz
(note 1) or 32K_INT RC OSC)
3V
No load, system HALT,
WDT on
¾
24
mA
5V
¾
35
mA
ISTB3
Standby Current ( Idle)
(fSYS,fWDT=off; fS (note 3)=
fSUB=32768Hz (note 1)
or 32K_INT RC OSC)
3V
No load, system HALT,
WDT off, LCD on (note 2),
1/2 bias, C type, VLCD1=VDD
¾
35
mA
5V
¾
46
mA
ISTB4
Standby Current ( Idle)
(fSYS,fWDT=off; fS (note 3)=
fSUB=32768Hz (note 1)
or 32K_INT RC OSC)
3V
No load, system HALT,
WDT off, LCD on (note 2),
1/3 bias, C type, VLCD1=3V
¾
35
mA
5V
¾
46
mA
ISTB5
Standby Current ( Idle)
(fSYS,fWDT=off; fS (note 3)=
fSUB=32768Hz (note 1)
or 32K_INT RC OSC)
3V
No load, system HALT,
WDT off, LCD on (note 2),
R type, VLCD1=VDD,
1/2 bias (RBIAS=400k
W)
¾
10
15
mA
5V
¾
18
27
mA
ISTB6
Standby Current ( Idle)
(fSYS,fWDT=off; fS (note 3)=
fSUB=32768Hz (note 1)
or 32K_INT RC OSC)
3V
No load, system HALT,
WDT off, LCD on (note 2),
R type, VLCD1=VDD,
1/3 bias (RBIAS=600k
W)
¾
10
15
mA
5V
¾
16
24
mA
ISTB7
Standby Current ( Idle)
(fSYS=on, fSYS=fM=4MHz,
fWDT,fLCD=off,
fS (note 3)=fSUB=32768Hz
(note 1) or 32K_INT RC OSC)
3V
No load, system HALT,
WDT off, LCD off,
SPI or I
2C on, PCLK on,
PCLK=fSYS/8
¾
150
250
mA
5V
¾
350
550
mA
VIL1
Input Low Voltage for I/O Ports,
TMR and INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports,
TMR and INT
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset Voltage
¾ Configuration option: 2.1V
1.98
2.1
2.22
V
¾ Configuration option: 3.15V
2.98
3.15
3.32
V
¾ Configuration option: 4.2V
3.98
4.2
4.42
V
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
Rev. 1.00
9
July 20, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com