Electronic Components Datasheet Search
  English  ▼

X  

HT83F20 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT83F20
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F20 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT83F20 Datasheet HTML 11Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 12Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 13Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 14Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 15Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 16Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 17Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 18Page - Holtek Semiconductor Inc HT83F20 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
HT83FXX
Rev. 1.00
15
May 12, 2009
Voice Control and Audio output Registers
-
DAL, DAH, VOL
The devices include a single 12-bit current type DAC
function for driving an external 8
W speaker through an
external NPN transistor or Power Amplifier. The pro-
grammer must writer the voice data to these DAL/DAH
registers. The programmer can control the DAC volume
with 7-levels via the VOL register.
Pulse Width Modulator Registers
-
PWMC, PWML, PWMH
Each device contains a single 12-bit PWM function for
driving an external 8
W speaker. The programmer must
writer the voice data to PWML/PWMH register. The pro-
grammer can control the PWM volume with 8-levels via
the VOL register.
Serial Interface Module(SIM) Registers
-
SIMC0, SIMC1, SIMAR/SIMC2, SIMDR
Each SIM contains SPI and I
2C function for communi-
cating with other microcontroller or SPI Flash Memory.
All devices contain an integrated I
2C and SPI bus which
interfaces to the external shared pins SDA ,SCL and
SCSB ,SCK ,SDI ,SDO with PB on the microcontroller.
The I
2C correct setup and data transfer operation of this
2-line bidirectional bus utilizes 4 special function regis-
ters. The SIMAR register sets the slave address of the
device while the SIMC0 is the control register that en-
ables or disables the device as well as select whether it
is in I
2C or SPI mode. The SIMC1 register is the I2C sta-
tus register while the SIMDR register is the input/output
data register. The SPI correct setup and data transfer
operation of this 3-line bidirectional bus utilizes 3 special
function registers. The SIMC0 is the control register that
enables or disables the device as well as select whether
it is in I
2C or SPI mode. The SIMC2 register is the SPI
status register while the SIMDR register is the input/out-
put data register.
Flash Data Memory
The Data Memory is the location where the user Data is
stored. For this device the Data Memory is a Flash type,
which means it can be programmed and reprogrammed
a large number of times, allowing the user the conve-
nience of voice data modification using the same de-
vice. By using the appropriate programming tools, these
devices offer users the flexibility to conveniently change
and develop their applications while also offering a
means of field programming.
Flash Data Memory Structure
The internal Flash Data Memory has a capacity of be-
tween 2M
´8 bit and 128K´8 bit. Unlike the Program
Memory and RAM Data Memory, the Flash Data Memory
is not directly mapped and is therefore not directly acces-
sible in the same way as the other types of memory.
Accessing the Flash Data Memory
The Flash Data Memory is accessed using a set of
Macros in the library. These instructions control all func-
tions of the Flash such as read, write, erase, enable etc.
The internal Flash structure is similar to that of a stan-
dard SPI Flash Memory, for which 4 pins are used for
transfer of instruction, address and data information.
These are the Chip Select pin, CS, Serial Clock pin,
SCK, Data In pin, SI and the Data Out pin, SO. All ac-
tions related to the Flash Memory must be conducted
through each of these four Flash Memory download
pins. By manipulating these four pin in the device, in ac-
cordance with the accompanying timing diagrams, the
microcontroller can communicate with the Flash Mem-
ory and carry out the required read and write instruc-
tions.
When reading data from the Flash Memory, CS should
be set to
²0² to start the data transmission. The data will
clocked out on the rising edge of SCK and appear on
SO. The SO pin will normally be in a high-impedance
condition unless a READ statement is being executed.
When writing to the Flash Memory the data must be pre-
sented first on SI and then clocked in on the rising edge
of SCK. After all the instruction, address and data infor-
mation has been transmitted, CS should be set to
²1² to
terminate the data transmission. Note that after power
on the Flash Memory must be initialised as described.
READ
The
²READ² instruction is used to read out one or more
bytes of data from the Flash Data Memory. To instigate a
²READ² instruction, the CS bit should be set low, fol-
lowed by a command instruction and then the instruction
code
²03², all transmitted via the SI bit. The address in-
formation should then follow with the MSB being trans-
mitted first. After the last address bit, A0, has been
transmitted, the data can be clocked out, bit D7 first, on
the rising edge of the SCK clock signal and can be read
via the SO bit. The data information will first precede the
reading of the first data bit, D7. After the full byte has
been read out, the internal address will be automatically
incremented allowing the next consecutive data byte to
be read out without entering further address data. As
long as the CS bit remains low, data bit D7 of the next
address will automatically follow data bit D0 of the previ-
ous address being inserted between them. The address
will keep incrementing in this way until CS returns to a
high value. SO will normally be in a high impedance con-
dition until the
²READ² instruction is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com