Electronic Components Datasheet Search
  English  ▼

X  

HT83F40 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT83F40
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F40 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT83F40 Datasheet HTML 1Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 2Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 3Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
HT83FXX
Flash Type Voice OTP MCU
Rev. 1.00
1
May 12, 2009
General Description
The flash type voice series of MCUs have OTP type
Program Memory and Flash type Voice Memory.
The devices are 8-bit high performance microcontrollers
which include a voice synthesizer and tone generator.
They are designed for applications which require multiple
I/Os and sound effects, such as voice and melody. The
devices can provide various sampling rates and beats,
tone levels, tempos for speech synthesizer and melody
generator.
They also include two integrated high quality, voltage
type DAC outputs and voltage type PWM outputs.
The devices are excellent solutions for versatile voice
and sound effect product applications with their efficient
MCU instructions providing the user with programming
capability for powerful custom applications. The system
frequency can be up to 8MHz at an operating voltage of
2.7V and include a power-down function to reduce
power consumption.
The MCU flash voice memory capacity ranges from
2M
´8 bit to 128K´8 bit, into which the user can down-
load their voice data repeatedly.
Features
· Operating voltage: 2.7V~3.6V
· System clock: 4MHz~8MHz
· Crystal and RC system oscillator
· 12 I/O pins
· I2C/SPI Bus Serial Interface, shared with PB
· 2K´15 OTP Program Memory
· Between 2M´8 bit and 128K´8 bit flash type data
memory
· 80´8 Data Memory
· Two 8-bit programmable timer counter with 8-stage
prescaler and one time base counter
· 12-bit high quality voltage type D/A output
· PWM circuit direct drive speaker
· Watchdog Timer function
· 4-level subroutine nesting
· 2.7V Low voltage detection, tolerance 5%
· Integrated LDO regulator in
HT83F10P/20P/40P/60P/80P
· Power-down function and wake-up feature reduce
power consumption
· Up to 1ms (0.5ms) instruction cycle with 4MHz (8MHz)
system clock at VDD= 3.6V
· 63 powerful instructions
· One reset pin
· Flash Data Memory can be re-programmed up to
100,000 times
· Flash Data Memory data retention > 10 years
· 44-pin QFP package
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT83F40

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT83F40 HOLTEK-HT83F40 Datasheet
434Kb / 62P
Flash Type Voice OTP MCU
January 21, 2010
HT83F40 HOLTEK-HT83F40 Datasheet
466Kb / 62P
Flash Type Voice OTP MCU
HT83F40P HOLTEK-HT83F40P Datasheet
434Kb / 62P
Flash Type Voice OTP MCU
January 21, 2010
HT83F40P HOLTEK-HT83F40P Datasheet
466Kb / 62P
Flash Type Voice OTP MCU
More results

Similar Description - HT83F40

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT86R192 HOLTEK-HT86R192 Datasheet
305Kb / 44P
Voice Synthesizer 8-Bit OTP MCU
October 23, 2006
HT86R384 HOLTEK-HT86R384 Datasheet
300Kb / 41P
Voice Synthesizer 8-Bit OTP MCU
May 18, 2007
HT83F10 HOLTEK-HT83F10 Datasheet
434Kb / 62P
Flash Type Voice OTP MCU
January 21, 2010
HT83F10 HOLTEK-HT83F10_10 Datasheet
466Kb / 62P
Flash Type Voice OTP MCU
HT83F02 HOLTEK-HT83F02 Datasheet
476Kb / 64P
External Voice Memory Flash MCU
logo
Aplus Intergrated Circu...
P89021 APLUS-P89021 Datasheet
236Kb / 18P
VOICE OTP IC
P89085 APLUS-P89085 Datasheet
359Kb / 24P
VOICE OTP IC
logo
Holtek Semiconductor In...
BS66FV340 HOLTEK-BS66FV340 Datasheet
7Mb / 265P
Enhanced Touch Voice A/D Flash MCU
December 15, 2016
HT66FV130 HOLTEK-HT66FV130 Datasheet
7Mb / 259P
Enhanced Voice Flash MCU
December 06, 2016
HT66FV240 HOLTEK-HT66FV240 Datasheet
9Mb / 203P
Wireless Voice Flash MCU
December 15, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com