Electronic Components Datasheet Search
  English  ▼

X  

HT7610A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7610A
Description  General Purpose PIR Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7610A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7610A Datasheet HTML 1Page - Holtek Semiconductor Inc HT7610A Datasheet HTML 2Page - Holtek Semiconductor Inc HT7610A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7610A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7610A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7610A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7610A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7610A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7610A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Block Diagram
Pin Description
Pin Name
I/O
Internal
Connection
Description
VSS
¾¾
Negative power supply, ground
RELAY
O
CMOS
RELAY drive output through an external NPN transistor, active high.
TRIAC
O
CMOS
TRIAC drive output
The output is a pulse output when active.
OSCD
I/O
PMOS IN
NMOS OUT
Output timing oscillator I/O
It is connected to an external RC to adjust output duration.
OSCS
I/O
PMOS IN
NMOS OUT
System oscillator I/O
OSCS is connected to an external RC to set the system frequency. The
system frequency is at 16kHz for normal application.
ZC
I
CMOS
Input for AC zero crossing detection
CDS
I
CMOS
CDS is connected to a CDS voltage divider for daytime/night
auto-detection. Low input to this pin can disable the PIR input. CDS a
Schmitt Trigger input with 5-second input debounce time.
MODE
I
CMOS
Operating mode selection input:
VDD: Output is always ON
VSS: Output is always OFF
Open: Auto detection
VDD
¾¾
Positive power supply
VEE
O
NMOS
Regulated voltage output
The output voltage is
-4V with respect to VDD.
RST
I
Pull-High
Chip reset input, active low
OP1P
I
PMOS
Noninverting input of OP1
OP1N
I
PMOS
Inverting input of OP1
OP1O
O
NMOS
Output of OP1
OP2P
I
PMOS
Noninverting input of OP2
OP2N
I
PMOS
Inverting input of OP2
OP2O
O
NMOS
Output of OP2
HT761X
Rev. 1.30
2
October 12, 2009
V o l t a g e
D i v i d e r
C o m p a r a t o r
O P 2 N
O P 2 P
O P 2 O
O P 1 P
O P 1 N
V E E
O P 1 O
L a t c h C i r c u i t
M o d e & C D S
C i r c u i t
R e g u l a t o r
C o n t r o l
C i r c u i t
O u t p u t C i r c u i t
R E L A Y
( T R I A C )
D e l a y C i r c u i t
C o u n t e r
C i r c u i t
Z e r o C r o s s
D e b o u n c e
D e l a y
O s c i l l a t o r
S y s t e m
O s c i l l a t o r
O S C D
O S C S
R S T
M O D E
C D S
V D D
V S S
Z C
V D D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com