Electronic Components Datasheet Search
  English  ▼

X  

HT7610 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7610
Description  General Purpose PIR Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7610 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7610 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7610 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7610 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7610 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7610 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7610 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7610 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7610 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7610 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HT761X
Rev. 1.30
4
October 12, 2009
OSCD
OSCD is an output timing oscillator input pin. It is con-
nected to an external RC to obtain the desired output
turn-on duration. Variable output turn-on durations can
be achieved by selecting various values of RC or using a
variable resistor.
RELAY (TRIAC)
RELAY is an output pin set as a RELAY driving (active
high) output for the HT761xA, or as a TRIAC driving (ac-
tive low) output for the HT761xB.
The output active duration is controlled by the OSCD os-
cillating period.
HT761xA
HT761xB
OUTPUT
RELAY
TRIAC
CDS
CDS is a CMOS Schmitt Trigger input structure. It is
used to distinguish between day time and night time.
When the input voltage of CDS is high the PIR input is
enabled. On the other hand, when CDS is low the PIR
input is disabled. The input disable to enable debounce
time is 5 seconds. Connect this pin to VDD when this
function is not used. The CDS input is ignored when the
output is active.
CDS
Status
PIR
LOW
Day Time
Disabled
HIGH
Night
Enabled
MODE
MODE is a tristate input pin used to select the operating
mode.
MODE
Status
Operating
Mode
Description
VDD
ON
Output is always ON:
RELAY outputs high for relay driving.
TRIAC pulse train output is syn-
chronized by ZC for triac driving.
VSS
OFF
Output is always OFF:
RELAY outputs low for relay driving.
TRIAC outputs high for triac driving.
Open
AUTO
Outputs remain in the off state until
activated by a valid PIR input trigger
signal. When working in the AUTO
mode, the chip allows override con-
trol by switching the ZC signal.
R D
C D
O S C D
V D D
Output Timing Oscillator
TD=
1
f
´ 21504
< 5 s e c
d i s a b l e
C D S
P I R
e n a b l e
5 s e c
e n a b l e
R S T B
Z C
T e s t
e n a b l e
C o m p a r a t o r
o u t p u t
R E L A Y
( T R I A C )
1 0 s
4 0 s w a r m - u p t i m e
< 3 s
O F F / O N o n e o r t w o t i m e s b y m a s k o p t i o n
> 0 . 3 4 s
O N
f l a s h o r n o t b y m a s k o p t i o n
O N
O N
O N
> 3 2 s
*
f l a s h 3 t i m e s i n 1 H z
O F F
#
2 s
2 s
2 s
* : f l a s h 3 t i m e s a t a 1 H z r a t e
f l a s h o r n o t b y m a s k o p t i o n
# : f l a s h 3 t i m e s a t a 2 H z r a t e
f l a s h o r n o t b y m a s k o p t i o n
2 s
2 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com