Electronic Components Datasheet Search
  English  ▼

X  

HT1623 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1623
Description  RAM Mapping 488 LCD Controller for I/O MCU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1623 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1623 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1623 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Pad Description
Pad No.
Pad Name
I/O
Description
1CS
I
Chip selection input with pull-high resistor. When the CS is logic high, the
data and command read from or written to the HT1623 are disabled. The se-
rial interface circuit is also reset But if the CS is at logic low level and is input
to the CS pad, the data and command transmission between the host con-
troller and the HT1623 are all enabled.
2RD
I
READ clock input with pull-high resistor. Data in the RAM of the HT1623 are
clocked out on the falling edge of the RD signal. The clocked out data will ap-
pear on the data line. The host controller can use the next rising edge to latch
the clocked out data.
3WR
I
WRITE clock input with pull-high resistor. Data on the DATA line are latched
into the HT1623 on the rising edge of the WR signal.
4
DATA
I/O
Serial data input or output with pull-high resistor
5
VSS
¾
Negative power supply, ground
6
OSCI
I
The OSCI and OSCO pads are connected to a 32.768kHz crystal in order to
generate a system clock. If the system clock comes from an external clock
source, the external clock source should be connected to the OSCI pad. But
if an on-chip RC oscillator is selected instead, the OSCI and OSCO pads can
be left open.
7
OSCO
O
8
VDD
¾
Positive power supply
9
VLCD
I
LCD operating voltage input pad.
10
IRQ
O
Time base or watchdog timer overflow flag, NMOS open drain output
11, 12
BZ, BZ
O
2kHz or 4kHz tone frequency output pair
13~15
T1~T3
I
Not connected
16~23
COM0~COM7
O
LCD common outputs
24~71
SEG0~SEG47
O
LCD segment outputs
Absolute Maximum Ratings
Supply Voltage .........................................
-0.3V to 5.5V
Storage Temperature ............................
-50°Cto125°C
Input Voltage.............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-25°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT1623
Rev. 1.50
5
June 17, 2009
PATENTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com