Electronic Components Datasheet Search
  English  ▼

X  

LTL2F3VEKNT Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTL2F3VEKNT
Description  Property of Lite-On Only
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2F3VEKNT Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTL2F3VEKNT Datasheet HTML 1Page - Lite-On Technology Corporation LTL2F3VEKNT Datasheet HTML 2Page - Lite-On Technology Corporation LTL2F3VEKNT Datasheet HTML 3Page - Lite-On Technology Corporation LTL2F3VEKNT Datasheet HTML 4Page - Lite-On Technology Corporation LTL2F3VEKNT Datasheet HTML 5Page - Lite-On Technology Corporation LTL2F3VEKNT Datasheet HTML 6Page - Lite-On Technology Corporation LTL2F3VEKNT Datasheet HTML 7Page - Lite-On Technology Corporation LTL2F3VEKNT Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
         
       
Electrical / Optical Characteristics at TA=25



 (H Series)
Parameter
Symbol
Part No. (LTL)
Min.
Typ.
Max.
Unit
Test Condition
2H3VRKNT
1500
2400
2H3VEKNT
1900
3100
2H3VHKNT
1900
3400
2H3VAKNT
1900
3400
2H3VFKNT
1900
3400
2H3VYKNT
1900
3400
Luminous
Intensity
Iv
2H3VSKNT
1900
3100
mcd
IF = 20mA
Note 1
Note 2
Viewing Angle
2
θ1/2
15
deg
Note 3 (Fig.5)
2H3VRKNT
639
2H3VEKNT
632
2H3VHKNT
624
2H3VAKNT
621
2H3VFKNT
611
2H3VYKNT
595
Peak Emission
Wavelength
λP
2H3VSKNT
588
nm
Measurement
@ peak (Fig.1)
2H3VRKNT
631
2H3VEKNT
624
2H3VHKNT
618
2H3VAKNT
615
2H3VFKNT
605
2H3VYKNT
592
Dominant
Wavelength
λd
2H3VSKNT
587
nm
Note 5
2H3VRKNT
20
2H3VEKNT
20
2H3VHKNT
18
2H3VAKNT
18
2H3VFKNT
17
2H3VYKNT
15
Spectral Line
Half-Width
∆λ
2H3VSKNT
15
nm
2H3VRKNT
1.9
2.3
2H3VEKNT
2.0
2.4
2H3VHKNT
2.0
2.4
2H3VAKNT
2.0
2.4
2H3VFKNT
2.0
2.4
2H3VYKNT
2.0
2.4
Forward Voltage
VF
2H3VSKNT
2.0
2.4
V
IF = 20mA
Reverse Current
IR
100
µA
VR = 5V
Capacitance
C
40
pF
VF = 0, f = 1 MHz
NOTES:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
2. Luminous intensity rank classified products support two ranks.
3.
θ 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
4. Iv classification code is marked on each packing bag.
5. The dominant wavelength,
λd is derived from the CIE chromaticity diagram and represents the single wavelength which
Define the color of the device.
        
/
 !"#



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com