Electronic Components Datasheet Search
  English  ▼

X  

HT7939 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7939
Description  High Current and Performance White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7939 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7939 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HT7939
High Current and Performance White LED Driver
Rev 1.10
1
November 3, 2009
Features
· Input range from 2.6V~5.5V
· Built-in Power MOSFET
· Can drive up to 39 White LEDs with a 5V input
· Low standby current: 0.1mA (typ.) with VEN low
· Integrated Over-voltage, Over-temperature and
Over-current protection circuits
· Under voltage lock-out protection
· 1.2MHz fixed switching frequency
· High efficiency - up to 90%
· 6-pin SOT23-6 package
Applications
· Display Backlighting
- Automatic
- DVD player
- Digital photo frame
- Handheld computer
· LED lighting
General Description
The HT7939 is a high efficiency boost converter for driv-
ing White LEDs using current mode operation. The de-
vice is designed to drive up to 39 White LEDs from a 5V
power supply. The White LED current is setup using an
external current setting resistor, which has a low feed-
back voltage of 0.2V to minimise power losses in the re-
sistor which improves efficiency. The Over-voltage
function prevents damage to the IC by turning off the
converter when the LED load is open circuit.
The device includes over current protection, over tem-
perature protection and under voltage protection pre-
venting damage to the device when the output is
overloaded.


Similar Part No. - HT7939

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7939 HOLTEK-HT7939 Datasheet
320Kb / 13P
High Current and Performance White LED Driver
HT7939A HOLTEK-HT7939A Datasheet
3Mb / 13P
Performance White LED Driver
HT7939A HOLTEK-HT7939A_16 Datasheet
3Mb / 12P
High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939_10 Datasheet
320Kb / 13P
High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939_16 Datasheet
2Mb / 12P
High Current and Performance White LED Driver
More results

Similar Description - HT7939

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3359 POWER-LP3359 Datasheet
411Kb / 9P
High performance, Current Source For Parallel White-LED Driver
logo
Holtek Semiconductor In...
HT7938 HOLTEK-HT7938 Datasheet
469Kb / 11P
High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939_10 Datasheet
320Kb / 13P
High Current and Performance White LED Driver
HT7938A HOLTEK-HT7938A Datasheet
2Mb / 13P
Performance White LED Driver
HT7939A HOLTEK-HT7939A Datasheet
3Mb / 13P
Performance White LED Driver
HT7938A HOLTEK-HT7938A_13 Datasheet
2Mb / 13P
High Current and Performance White LED Driver
HT7938 HOLTEK-HT7938_16 Datasheet
914Kb / 11P
High Current and Performance White LED Driver
June 25, 2016
HT7938A HOLTEK-HT7938A_16 Datasheet
1Mb / 12P
High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939_16 Datasheet
2Mb / 12P
High Current and Performance White LED Driver
HT7939A HOLTEK-HT7939A_16 Datasheet
3Mb / 12P
High Current and Performance White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com