Electronic Components Datasheet Search
  English  ▼

X  

HT9302x Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT9302x
Description  1-Memory/2-Memory Tone/Pulse Dialer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9302x Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT9302x Datasheet HTML 12Page - Holtek Semiconductor Inc HT9302x Datasheet HTML 13Page - Holtek Semiconductor Inc HT9302x Datasheet HTML 14Page - Holtek Semiconductor Inc HT9302x Datasheet HTML 15Page - Holtek Semiconductor Inc HT9302x Datasheet HTML 16Page - Holtek Semiconductor Inc HT9302x Datasheet HTML 17Page - Holtek Semiconductor Inc HT9302x Datasheet HTML 18Page - Holtek Semiconductor Inc HT9302x Datasheet HTML 19Page - Holtek Semiconductor Inc HT9302x Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
One key redial operation
CLOCK & DOUT operation
HT9302 Series
Rev. 1.30
16
May 13, 2009
t R P
( 1 s e c )
t B R K ( 1 . 2 s e c s )
t I T P M
t I T P M
H i g h I m p e d a n c e
t I T P M
t I T P M
K E Y I N
X 2
D T M F
D 1
D 2
R
t D B
P O
H K S
X M U T E
2 0 m s
t D B
t D B
N o t e : D 1 = D 3 = 3
D 2 = 2
f C L O C K = 2 . 4 k H z
D a t a
t P D P
t D B
t B
t M
H i g h I m p e d a n c e
X 2
D 1
C L O C K
D O U T
K E Y I N
P O
H K S
X M U T E
2 0 m s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com