Electronic Components Datasheet Search
  English  ▼

X  

MMA2201KEG Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMA2201KEG
Description  Low G Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA2201KEG Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMA2201KEG Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA2201KEG Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA2201KEG Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA2201KEG Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA2201KEG Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA2201KEG Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA2201KEG Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA2201KEG Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA2201KEG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMA2201KEG
Sensors
Freescale Semiconductor
3
Table 2. Operating Characteristics
(Unless otherwise noted: –40°C
≤ TA ≤ +105°C, 4.75 ≤ VDD ≤ 5.25, Acceleration = 0g, Loaded output.
(1))
1. For a loaded output the measurements are observed after an RC filter consisting of a 1 k
Ω resistor and a 0.01 μF capacitor to ground.
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Range(2)
Supply Voltage(3)
Supply Current
Operating Temperature Range
Acceleration Range
2. These limits define the range of operation for which the part will meet specification.
3. Within the supply range of 4.75 and 5.25 volts, the device operates as a fully calibrated linear accelerometer. Beyond these supply limits the
device may operate as a linear device but is not guaranteed to be in calibration.
VDD
IDD
TA
gFS
4.75
4.0
–40
—
5.00
5.0
—
45
5.25
6.0
+125
—
V
mA
°C
g
Output Signal
Zero g (TA = 25°C, VDD = 5.0 V)
(4)
Zero g
Sensitivity (TA = 25°C, VDD = 5.0 V)
(5)
Sensitivity
Bandwidth Response
Nonlinearity
4. The device can measure both + and – acceleration. With no input acceleration the output is at midsupply. For positive acceleration the output
will increase above VDD/2 and for negative acceleration the output will decrease below VDD/2.
5. The device is calibrated at 20g.
VOFF
VOFF,V
S
SV
f–3dB
NLOUT
2.35
0.46 VDD
47.5
9.3
360
–1.0
2.5
0.50 VDD
50
10
400
—
2.65
0.54 VDD
52.5
10.7
440
+1.0
V
V
mV/g
mV/g/V
Hz
% FSO
Noise
RMS (10 Hz – 1 kHz)
Power Spectral Density
Clock Noise (without RC load on output)(6)
6. At clock frequency
≅70 kHz.
nRMS
nPSD
nCLK
—
—
—
—
110
2.0
2.8
—
—
mVrms
μV/(Hz1/2)
mVpk
Self-Test
Output Response
Input Low
Input High
Input Loading(7)
Response Time(8)
7. The digital input pin has an internal pull-down current source to prevent inadvertent self test initiation due to external board level leakages.
8. Time for the output to reach 90% of its final value after a self-test is initiated.
gST
VIL
VIH
IIN
tST
10
VSS
0.7
× VDD
–30
—
12
—
—
–100
2.0
14
0.3
× VDD
VDD
–300
10
g
V
V
μA
ms
Status(9), (10)
Output Low (Iload = 100 μA)
Output High (Iload = 100 μA)
9. The Status pin output is not valid following power-up until at least one rising edge has been applied to the self-test pin. The Status pin is high
whenever the self-test input is high, as a means to check the connectivity of the self-test and Status pins in the application.
10. The Status pin output latches high if a Low Voltage Detection or Clock Frequency failure occurs, or the EPROM parity changes to odd. The
Status pin can be reset low if the self-test pin is pulsed with a high input for at least 100
μs, unless a fault condition continues to exist.
VOL
VOH
—
VDD –0.8
—
—
0.4
—
V
V
Minimum Supply Voltage (LVD Trip)
VLVD
2.7
3.25
4.0
V
Clock Monitor Fail Detection Frequency
fmin
150
—
400
kHz
Output Stage Performance
Electrical Saturation Recovery Time(11)
Full Scale Output Range (IOUT = 200 μA)
Capacitive Load Drive(12)
Output Impedance
11. Time for amplifiers to recover after an acceleration signal causes them to saturate.
12. Preserves phase margin (60°) to guarantee output amplifier stability.
tDELAY
VFSO
CL
ZO
—
0.25
—
—
0.2
—
—
300
—
VDD –0.25
100
—
ms
V
pF
Ω
Mechanical Characteristics
Transverse Sensitivity(13)
Package Resonance
13. A measure of the device’s ability to reject an acceleration applied 90° from the true axis of sensitivity.
VXZ,YZ
fPKG
—
—
—
10
5.0
—
% FSO
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com