Electronic Components Datasheet Search
  English  ▼

X  

MPC5634M Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPC5634M_09 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5634M_09 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5634M_09 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5634M_09 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5634M_09 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5634M_09 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5634M_09 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5634M_09 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5634M_09 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 118 page
background image
Electrical characteristics
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
71
VSS – VSSA
SR
—
VSS differential
voltage
—
–100
—
100
mV
VRL
SR
—
Analog reference low
voltage
—VSSA
—VSSA+0.1
V
VRL – VSSA
SR
—
VRL differential
voltage
—
–100
—
100
mV
VRH
SR
—
Analog reference
high voltage
—VDDA–0.1
—
VDDA
V
VRH – VRL
SR
—
VREF differential
voltage
—
4.75
—
5.25
V
VDDF
SR
—
Flash operating
voltage 6
—
1.14
—
1.32
V
VFLASH
7
SR
—
Flash read voltage
—
3.0
—
3.6
V
VSTBY
SR
—
SRAM standby
voltage
—0.9
—
1.2
V
—2.0
—
5.5
VDDREG
SR
—
Voltage regulator
supply voltage8
—
4.0
—
5.25
V
VDDPLL
SR
—
Clock synthesizer
operating voltage
—
1.14
—
1.32
V
VSSPLL – VSS
SR
—
VSSPLL to VSS
differential voltage
—
–100
—
100
mV
VIL_S
SR
—
Slow/medium pad
I/O input low voltage
Hysteresis
enabled
VSS–0.3
—
0.35*VDDEH
V
—
hysteresis
disabled
VSS–0.3
—
0.40*VDDEH
VIL_F
SR
—
Fast pad I/O input
low voltage
Hysteresis
enabled
VSS–0.3
—
0.35*VDDE
V
—
hysteresis
disabled
VSS–0.3
—
0.40*VDDE
VIL_LS
SR
—
Multi-voltage pad
I/O input low voltage
in low-swing
mode9,10,11,12
Hysteresis
enabled
VSS–0.3
—
0.8
V
—
Hysteresis
disabled
VSS–0.3
—
1.1
VIL_HS
SR
—
Multi-voltage pad I/O
input low voltage in
high-swing mode
Hysteresis
enabled
VSS–0.3
—
0.35 VDDEH
V
—
Hysteresis
disabled
VSS–0.3
—
0.4 VDDEH
Table 19. DC electrical specifications1 (continued)
Symbol
C
Parameter
Conditions
Value2
Unit
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com