Electronic Components Datasheet Search
  English  ▼

X  

MPC8536E Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPC8536E
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536E Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC8536E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8536E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8536E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8536E Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8536E Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8536E Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8536E Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8536E Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8536E Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 128 page
background image
Pin Map
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
17
JTAG
TCK
Test clock
AG28
I
OVDD
—
TDI
Test data in
AH28
I
OVDD
12
TDO
Test data out
AF28
O
OVDD
11
TMS
Test mode select
AH27
I
OVDD
12
TRST
Test reset
AH21
I
OVDD
12
DFT
L1_TSTCLK
L1 test clock
AA21
I
OVDD
19
L2_TSTCLK
L2 test clock
AA20
I
OVDD
19
LSSD_MODE
LSSD Mode
AC25
I
OVDD
19
TEST_SEL
Test select
AA13
I
OVDD
19
Power Management
ASLEEP
Asleep
AG20
O
OVDD
9,16,22
POWER_OK
Power OK
AC26
I
OVDD
—
POWER_EN
Power enable
AE27
O
OVDD
—
Power and Ground Signals
OVDD
General I/O supply
Y18,AG2,AD4,AB16,
AF6,AC18,AB13,AD10,
AE14,AD16,AD25,
AF27,AE22,AF11,
AF20,AF24
—OVDD
—
PVDD
—
—
—
3.3 V
—
LVDD
GMAC 1 I/O supply
AA7, AA4
Power for
TSEC1
interfaces
LVDD
—
TVDD
GMAC 3 I/O supply
V4,U7
Power for
TSEC3
interfaces
TVDD
—
GVDD
SSTL2 DDR supply
B1,B11,C7,C9,C14,
C17,D4,D6,R3,D15,E2,
E8,C24,E18,F5,E14,
C21,G3,G7,G9,G11,
H5,H12,E22,F15,J10,
K3,K12,K14,H14,D20,
E11,M1,N5
Power for
DDR
DRAM I/O
GVDD
—
BVDD
Local bus I/O supply
L23,J18,J23,J19,F20,
F23,H26,J21
Power for
Local Bus
BVDD
—
Table 1. MPC8536E Pinout Listing (continued)
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com