Electronic Components Datasheet Search
  English  ▼

X  

HDF135T Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF135T
Description  SAW FILTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF135T Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF135T Datasheet HTML 1Page - Shoulder Electronics Limited. HDF135T Datasheet HTML 2Page - Shoulder Electronics Limited. HDF135T Datasheet HTML 3Page - Shoulder Electronics Limited. HDF135T Datasheet HTML 4Page - Shoulder Electronics Limited. HDF135T Datasheet HTML 5Page - Shoulder Electronics Limited. HDF135T Datasheet HTML 6Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SAW FILTER
HDF135T
S24
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 6
mm
Dimension
min
typ
max
A
13.1
13.3
13.5
B
6.3
6.5
6.7
C
1.21
1.36
1.51
D
1.5
E
0.8
H
0.72
0.76
0.80
P
2.54
Pin Configuration
11
Input
5
Output
Other
Ground
4.TEST
CIRCUIT
L1=L2=0nH, C1=3.0pF, C2=2.7pF
Pin: 11. Input
12. Input (balance) or Ground
1, 2, 3, 4, 7, 8, 9, 10. Ground
5. Output
6. Output (balance) or Ground
5. ENVIRONMENTAL CHARACTERISTICS
5-1 High temperature exposure
Subject the device to +85℃ for 16 hours. Then release the filter into the room conditions
for 24 hours prior to the measurement. It shall fulfill the specifications in 2.2.
5-2 Low temperature exposure
Subject the device to -40℃ for 16 hours. Then release the device into the room conditions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com