Electronic Components Datasheet Search
  English  ▼

X  

4120 Datasheet(PDF) 1 Page - Powerbox

Part # 4120
Description  10W - 33KV SINGLEOUTPUT DC / DC INDUSTRIAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

4120 Datasheet(HTML) 1 Page - Powerbox

  4120 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
222
4000 Series
10W-33KV
SINGLE
OUTPUT
DC/DC
INDUSTRIAL
Features
•
0 to 100% adjustability.
•
Voltage programmable.
•
Voltage monitor.
•
Remote on/off control.
•
EMI/RFI shielding.
•
Short circuit, reverse polarity protection.
•
Arc protection.
Specifications
INPUT
Voltage
+24Vdc (+20% to -5%).
OUTPUT
Power
10W.
Voltage
See table.
Current
See table.
Ripple
See table.
Analog control
0 to 10 Volts = 0 to 100% output.
Voltage monitor
0 to 10 Volts = 0 to 100% output..
On/Off control
On = 0 Volts or N.C.
Off = 5 Volts
Reference output
10 Volts (±0.5%).
ENVIRONMENTAL
Operating temperature
–10°C to +60°C.
GENERAL
Dimensions
104 x 78.7 x 35.56 mm (4010 to 4200).
104 x 91.4 x 35.56 mm (4300 to 4330).
Weight
675g.
Packaging
Fully encapsulated.
Case material
Black anodised aluminum.
Input connector
Molex 09-50-3071 (supplied).
Molex pins
08-50-0106 (supplied).
High voltage leads
30KV 22AWG (4010 to 4200).
40KV 20AWG (4300 to 4330).
OPTIONS
Negative output voltage
Put “N” after model (eg 4300N).
PIN#
FUNCTION
1
On/Off control
2
Ground/case
3
+24Volt input
4
10 Volt reference output
5
Programming voltage
6
Internal potentiometer
7
Voltage monitor
MODEL
NUMBER
OUTPUT
OUTPUT*1
RIPPLE
VOLTAGE
CURRENT
4010
0 to 1,000V
10mA
0.1%
4020
0 to 2,000V
5mA
0.1%
4030
0 to 3,000V
3.3mA
0.2%
4050
0 to 5,000V
2mA
0.1%
4070
0 to 7,000V
1.4mA
0.1%
4100
0 to 10,000V
1mA
0.1%
4120
0 to 12,000V
0.8mA
0.1%
4150
0 to 15,000V
0.67mA
0.1%
4200
0 to 20,000V
0.5mA
0.2%
4300*2
0 to 30,000V
0.33mA
0.4%
4330*2
0 to 33,000V
0.30mA
0.2%
Note: 1. At maximum rated output voltage.
2. No voltage monitor.
PROGRAMMING
VOLTAGE
Apply 0-10V to pin 5 for 0-100% output.
RESISTANCE
Connect potentiometer to pin 4 (reference voltage),
connect wiper arm to pin 5, and connect
potentiometer to the ground.
MANUAL
Connect pin 6 to pin 5, turn front panel pot for voltage
adjust.
Selection Tables


Similar Part No. - 4120

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4120 VCC-4120 Datasheet
93Kb / 1P
Relampable Socket
logo
Adafruit Industries
4120 ADAFRUIT-4120 Datasheet
616Kb / 2P
Adafruit CharliePlex LED Matrix Bonnet - 8x16 Green LEDs
logo
3M Electronics
4120-1110-06-B 3M-4120-1110-06-B Datasheet
213Kb / 3P
Mini D Ribbon (MDR) Cable Assembly
12-May-2006
4120-1110-10-B 3M-4120-1110-10-B Datasheet
213Kb / 3P
Mini D Ribbon (MDR) Cable Assembly
12-May-2006
4120-1110-30-B 3M-4120-1110-30-B Datasheet
213Kb / 3P
Mini D Ribbon (MDR) Cable Assembly
12-May-2006
More results

Similar Description - 4120

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SXA10 ARTESYN-SXA10 Datasheet
167Kb / 2P
10W Surface Mount DC/DC Converters
CXA10 ARTESYN-CXA10 Datasheet
50Kb / 2P
10W DC/DC Converters
logo
Mean Well Enterprises C...
NSD10-D MEANWELL-NSD10-D Datasheet
572Kb / 2P
10W DC-DC Regulated Dual Output
NSD10-S MEANWELL-NSD10-S_10 Datasheet
212Kb / 2P
10W DC-DC Regulated Single Output
NSD10-S MEANWELL-NSD10-S_11 Datasheet
212Kb / 2P
10W DC-DC Regulated Single Output
NSD10-D MEANWELL-NSD10-D_11 Datasheet
246Kb / 2P
10W DC-DC Regulated Dual Output
logo
TDK Electronics
PXC-M10 TDK-PXC-M10 Datasheet
625Kb / 2P
10W Medical & Industrial DC-DC Converters
logo
Minmax Technology Co., ...
MDWI10 MINMAX-MDWI10 Datasheet
489Kb / 5P
DC-DC CONVERTER 10W
MKWI10C MINMAX-MKWI10C Datasheet
786Kb / 6P
DC-DC Power Module 10W
logo
HY-LINE Power Component...
P10C24S33W HY-LINE-P10C24S33W Datasheet
303Kb / 2P
10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com