Electronic Components Datasheet Search
  English  ▼

X  

C15 Datasheet(PDF) 1 Page - Powerbox

Part # C15
Description  1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

C15 Datasheet(HTML) 1 Page - Powerbox

  C15 Datasheet HTML 1Page - Powerbox C15 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
211
C Series
1
W A TTS
100-8KV
SINGLE
OUTPUT
DC/DC
INDUSTRIAL
Features
•
Low ripple
•
Miniature size
•
Regulated
•
0-100% programmable output
•
High stability, typically <50pm/°C
•
Wide input voltage range, 11.5V to 16V
•
Very low EMI/RFI
•
Steel case with isolated case ground
•
External gain adjust
Specifications
INPUT
Voltage
11.5 to 16VDC.
Current
See table.
Control voltage
0 to 5V, <100mA.
OUTPUT
Power
1W.
Voltage
Programmable, see table.
MODEL
NUMBER
INTERNAL
OSCILLA-
% TRIM
CONTROL
RESPONSE TIME
FREQUENCY
GAIN ADJUST
ON
OFF
C01
200KHz – 250KHz
10%
2ms
1.5ms
C02
250KHz – 334KHz
11%
3.5ms
4ms
C02N
91KHz – 143KHz
5%
30ms
35ms
C03
200KHz – 285KHz
10%
16ms
12ms
C05
250KHz – 334KHz
10%
25ms
35ms
C05N
200KHz – 334KHz
11%
30ms
30ms
C06
250KHz – 285KHz
12%
30ms
35ms
C06N
142KHz – 200KHz
12%
25ms
35ms
C10
200KHz – 250KHz
7%
60ms
80ms
C10N
111KHz – 125KHz
7%
70ms
70ms
C12
100KHz – 125KHz
8%
60ms
100ms
C12N
91KHz – 100KHz
8%
80ms
100ms
C15
91KHz – 111KHz
10%
50ms
120ms
C15N
91KHz – 100KHz
10%
60ms
140ms
C20
125KHz – 142KHz
5%
100ms
300ms
C20N
91KHz – 100KHz
5%
140ms
500ms
C25
125KHz – 142KHz
9%
35ms
35ms
C25N
125KHz – 142KHz
9%
35ms
35ms
C30
77KHz – 100KHz
9%
35ms
120ms
C30N
84KHz – 91KHz
10%
60ms
140ms
C40
72KHz – 125KHz
6%
90ms
160ms
C40N
77KHz – 100KHz
6%
160ms
160ms
C50
90KHz – 145KHz
5%
140ms
200ms
C50N
140KHz – 170KHz
5%
140ms
180ms
C60
125KHz – 160KHz
5%
100ms
250ms
C60N
140KHz – 170KHz
5%
60ms
60ms
C80
100KHz – 150KHz
10%
200ms
250ms
Technical Illustrations
ENVIRONMENTAL
Operating temperature
–10°C to +60°C.
Storage temperature
–20°C to +90°C.
GENERAL
Dimensions
Case A: 35.56 x 27.94 x 12.70 mm.
Case B: 44.45 x 27.94 x 12.70 mm.
Case C: 53.34 x 27.94 x 12.70 mm.
Case D: 63.50 x 31.75 x 15.24 mm.
CASE A
CASE B


Similar Part No. - C15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
C15 XPPOWER-C15 Datasheet
981Kb / 12P
MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
SOVICO corp.
C15 SOVICO-C15 Datasheet
4Mb / 1P
Loudspeaker System
logo
Amphenol Corporation
C15-71869-XXX AMPHENOL-C15-71869-XXX Datasheet
151Kb / 1P
d-sub technical data
logo
Crystek Corporation
C15-SMD CRYSTEKCRYSTAL-C15-SMD Datasheet
110Kb / 1P
32.768KHz Ultra-Miniature SMD
logo
New Jersey Semi-Conduct...
C150 NJSEMI-C150 Datasheet
181Kb / 2P
High Power Silicon Controlled Rectifier
More results

Similar Description - C15

ManufacturerPart #DatasheetDescription
logo
Powerbox
F01 POWERBOX-F01 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
G01CT POWERBOX-G01CT Datasheet
564Kb / 3P
1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
MAA02 POWERBOX-MAA02 Datasheet
532Kb / 2P
1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAB03 POWERBOX-MAB03 Datasheet
709Kb / 2P
3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE25 POWERBOX-MAE25 Datasheet
508Kb / 2P
15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE34 POWERBOX-MAE34 Datasheet
488Kb / 2P
15 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
MAH36 POWERBOX-MAH36 Datasheet
519Kb / 2P
25 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
PSE100 POWERBOX-PSE100 Datasheet
560Kb / 2P
60 - 100 WATTS DC/DC SINGLE OUTPUT
Q01-5 POWERBOX-Q01-5 Datasheet
1Mb / 3P
0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com