Electronic Components Datasheet Search
  English  ▼

X  

C203 Datasheet(PDF) 1 Page - Powerbox

Part # C203
Description  50 WATTS (AC) DC/DC SINGLEI OUTPUT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

C203 Datasheet(HTML) 1 Page - Powerbox

  C203 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
427
Your dependable power partner – www.powerbox.com.au
C200 Series
50
W A TTS
(AC)
DC/DC
SINGLEI
OUTPUT
Features
•
Single Output
•
3U x 10TE x 165mm
8 TE: upon request
•
Weight 0.7kg
INPUT VDC
INPUT VAC
OUTPUT VDC
10-16
OUTPUT
AMPS
18-36
36-75
45-90
80-160
160-320
93-138
185-264
OUTPUT
AMPS
MIN.
MAX.
C 200
6
C 220
C 230
C 240
C 250
C 270
C 290
8
4,5
5,5
C 201
4
C 221
C 231
C 241
C 251
C 271
C 291
5
8
10
C 202
3
C 222
C 232
C 242
C 252
C 272
C 292
4
11
13
C 203
2,5
C 223
C 233
C 243
C 253
C 273
C 293
3,2
14
16
C 204
1,6
C 224
C 234
C 244
C 254
C 274
C 294
2,0
23
26
C 205
1,3
C 225
C 235
C 245
C 255
C 275
C 295
1,7
26
30
C 206
0,65
C 226
C 236
C 246
C 256
C 276
C 296
0,8
58
68
C 207
0,3
C 227
C 237
C 247
C 257
C 277
C 297
0,4
100
130
C 208
0,18
C 228
C 238
C 248
C 258
C 278
C 298
0,2
200
250
C 209
0,8
C 229
C 239
C 249
C 259
C 279
C 299
1
45
55
Technical Illustration
C200
1.5
50.4
(IOTE)


Similar Part No. - C203

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
C203 PULSE-C203 Datasheet
316Kb / 3P
RF TRANSFORMERS Transformers for Wideband RF Applications
logo
New Jersey Semi-Conduct...
C203 NJSEMI-C203 Datasheet
89Kb / 2P
Silicon Controlled Rectifier
C203A NJSEMI-C203A Datasheet
89Kb / 2P
Silicon Controlled Rectifier
C203B NJSEMI-C203B Datasheet
89Kb / 2P
Silicon Controlled Rectifier
C203C NJSEMI-C203C Datasheet
89Kb / 2P
Silicon Controlled Rectifier
More results

Similar Description - C203

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QEB50-48S05 ETC-QEB50-48S05 Datasheet
104Kb / 2P
50 WATTS SINGLE OUTPUT DC-DC CONVERTER
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
Wall Industries,Inc.
DCMQ50 WALL-DCMQ50 Datasheet
516Kb / 7P
50 Watts DC/DC Railway Converter Single Output
logo
Integrated Power Design...
GRN-110M IPDPOWER-GRN-110M Datasheet
385Kb / 2P
110 WATTS MULTI OUTPUT AC-DC
GRN-110S IPDPOWER-GRN-110S Datasheet
401Kb / 2P
110 WATTS SINGLE OUTPUT AC-DC
GRN-200-FN IPDPOWER-GRN-200-FN Datasheet
356Kb / 2P
200 WATTS MULTI OUTPUT AC-DC
GRN-80S IPDPOWER-GRN-80S Datasheet
374Kb / 2P
80 WATTS SINGLE OUTPUT AC-DC
NXT-100 IPDPOWER-NXT-100 Datasheet
390Kb / 2P
100 WATTS SINGLE OUTPUT AC-DC
NXT-400M-FN IPDPOWER-NXT-400M-FN Datasheet
376Kb / 2P
400 WATTS MULTI OUTPUT AC-DC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com