Electronic Components Datasheet Search
  English  ▼

X  

C571 Datasheet(PDF) 1 Page - Powerbox

Part # C571
Description  250 WATTS (AC) DC/D CSINGLE OUTPUT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

C571 Datasheet(HTML) 1 Page - Powerbox

  C571 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
429
Your dependable power partner – www.powerbox.com.au
C500 Series
250
W A TTS
(AC)
DC/DC
SINGLE
OUTPUT
Features
•
Single Output
•
3U x 21(24)TE x 166.5mm
(24TE for 5V outputs)
•
Weight 1.7kg
INPUT VDC
INPUT VAC 1)
OUTPUT VDC
10-16 OUTPUT
AMPS
18-36 OUTPUT
AMPS
36-75 45-90 80-160 160-320 185-264
93-138
185-264
OUTPUT
AMPS
MIN.
MAX.
C 500
25
C 520
30
C 530
C 540
C 550
C 570
C 580
C 590
35
4,5
5,5
C 501
17
C 521
20
C 531
C 541
C 551
C 571
C 581
C 591
25
8
10
C 502
14
C 522
16
C 532
C 542
C 552
C 572
C 582
C 592
20
11
13
C 503
11
C 523
13
C 533
C 543
C 553
C 573
C 583
C 593
16
14
16
C 504
7
C 524
8
C 534
C 544
C 554
C 574
C 584
C 594
10
23
26
C 505
6
C 525
7
C 535
C 545
C 555
C 575
C 585
C 595
8,5
26
30
C 506
3
C 526
3,5
C 536
C 546
C 556
C 576
C 586
C 596
3,7
58
68
C 507
1,5
C 527
1,8
C 537
C 547
C 557
C 577
C 587
C 597
2
100
130
C 508
0,8
C 528
0,9
C 538
C 548
C 558
C 578
C 588
C 598
1
200
250
C 509
3,5
C 529
4
C 539
C 549
C 559
C 579
C 589
C 599
4,5
45
55
Technical Illustration
C500


Similar Part No. - C571

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C57-10140 AMPHENOL-C57-10140 Datasheet
138Kb / 1P
contact material-copper alloy
C57-10240 AMPHENOL-C57-10240 Datasheet
195Kb / 1P
contact material-copper alloy
C57-10360 AMPHENOL-C57-10360 Datasheet
189Kb / 1P
contact material-copper alloy
C57-10360-26 AMPHENOL-C57-10360-26 Datasheet
200Kb / 1P
contact material-copper alloy
C57-10500-14 AMPHENOL-C57-10500-14 Datasheet
171Kb / 1P
contact material-copper alloy
More results

Similar Description - C571

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL0603 WALL-PSRL0603 Datasheet
380Kb / 5P
Single Output Up to 250 Watts AC/DC Switching Power Supply
logo
Powerbox
C600 POWERBOX-C600 Datasheet
501Kb / 1P
500 WATTS (AC) DC/D CSINGLE OUTPUT
C2600 POWERBOX-C2600 Datasheet
427Kb / 1P
700/800 WATTS (AC) DC/D CSINGLE OUTPUT
C3600 POWERBOX-C3600 Datasheet
381Kb / 1P
1700 WATTS (AC) DC/D CSINGLE OUTPUT
C3700 POWERBOX-C3700 Datasheet
302Kb / 1P
1250 WATTS (AC) DC/D CSINGLE OUTPUT
C4700 POWERBOX-C4700 Datasheet
528Kb / 2P
2500 WATTS (AC) DC/D CSINGLE OUTPUT
C5100 POWERBOX-C5100 Datasheet
880Kb / 2P
5000 WATTS (AC) DC/D CSINGLE OUTPUT
C6400 POWERBOX-C6400 Datasheet
370Kb / 1P
22000 WATTS (AC) DC/D CSINGLE OUTPUT
PSC600 POWERBOX-PSC600 Datasheet
315Kb / 2P
250 - 800 WATTS DC/DC SINGLE OUTPUT
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
150 - 250 WATTS DC/DC SINGLE OUTPUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com