Electronic Components Datasheet Search
  English  ▼

X  

C630 Datasheet(PDF) 1 Page - Powerbox

Part # C630
Description  500 WATTS (AC) DC/D CSINGLE OUTPUT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

C630 Datasheet(HTML) 1 Page - Powerbox

  C630 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
431
Your dependable power partner – www.powerbox.com.au
C600 Series
500
W A TTS
(AC)
DC/DC
SINGLE
OUTPUT
Features
•
Single Output
•
3U x 42TE x 166.5mm
•
Weight: 3.5kg
INPUT VDC
INPUT VAC 1)
OUTPUT VDC
10-16
OUTPUT
AMPS
18-36 OUTPUT
AMPS
36-75
45-90 80-160 160-320 185-264
93-138
185-264
OUTPUT
AMPS
MIN.
MAX.
C 600
50
C 620
70
C 630
C 640
C 650
C 670
C 680
C 690
80
4,5
5,5
C 601
30
C 621
45
C 631
C 641
C 651
C 671
C 681
C 691
50
8
10
C 602
25
C 622
35
C 632
C 642
C 652
C 672
C 682
C 692
40
11
13
C 603
20
C 623
28
C 633
C 643
C 653
C 673
C 683
C 693
32
14
16
C 604
12
C 624
18
C 634
C 644
C 654
C 674
C 684
C 694
20
23
26
C 605
10
C 625
15
C 635
C 645
C 655
C 675
C 685
C 695
17
26
30
C 606
5
C 626
7
C 636
C 646
C 656
C 676
C 686
C 696
7,5
58
68
C 607
2,5
C 627
3,5
C 637
C647
C657
C677
C 687
C 697
4
100
130
C 608
1,2
C 628
1,8
C 638
C 648
C 658
C 678
C 688
C 698
2
200
250
C 609
6
C 629
8
C 639
C 649
C 659
C 679
C 689
C 699
9
45
55
Technical Illustrations
S600


Similar Part No. - C630

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C630 KEMET-C630 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
C630/C631 KEMET-C630/C631 Datasheet
971Kb / 16P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C630/C631 KEMET-C630/C631 Datasheet
1Mb / 14P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C630/C631 KEMET-C630/C631 Datasheet
935Kb / 14P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C630C109JCG5TA KEMET-C630C109JCG5TA Datasheet
183Kb / 9P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results

Similar Description - C630

ManufacturerPart #DatasheetDescription
logo
Powerbox
C500 POWERBOX-C500 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
C2600 POWERBOX-C2600 Datasheet
427Kb / 1P
700/800 WATTS (AC) DC/D CSINGLE OUTPUT
C3600 POWERBOX-C3600 Datasheet
381Kb / 1P
1700 WATTS (AC) DC/D CSINGLE OUTPUT
C3700 POWERBOX-C3700 Datasheet
302Kb / 1P
1250 WATTS (AC) DC/D CSINGLE OUTPUT
C4700 POWERBOX-C4700 Datasheet
528Kb / 2P
2500 WATTS (AC) DC/D CSINGLE OUTPUT
C5100 POWERBOX-C5100 Datasheet
880Kb / 2P
5000 WATTS (AC) DC/D CSINGLE OUTPUT
C6400 POWERBOX-C6400 Datasheet
370Kb / 1P
22000 WATTS (AC) DC/D CSINGLE OUTPUT
PBMPLS-12U POWERBOX-PBMPLS-12U Datasheet
660Kb / 2P
500-7000 WATTS DC/AC INVERTER
PBMPLS-12U-RM POWERBOX-PBMPLS-12U-RM Datasheet
358Kb / 2P
500-5000 WATTS DC/AC INVERTER
logo
XP Power Limited
GCU500 XPPOWER-GCU500_18 Datasheet
1Mb / 9P
AC-DC Power Supplies 500 Watts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com