Electronic Components Datasheet Search
  English  ▼

X  

CW801M Datasheet(PDF) 2 Page - Powerbox

Part # CW801M
Description  800-2500VA PROGRAMMABLE AC POWER SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

CW801M Datasheet(HTML) 2 Page - Powerbox

  CW801M Datasheet HTML 1Page - Powerbox CW801M Datasheet HTML 2Page - Powerbox CW801M Datasheet HTML 3Page - Powerbox CW801M Datasheet HTML 4Page - Powerbox CW801M Datasheet HTML 5Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Your dependable power partner – www.powerbox.com.au
499
CW SPECIFICATIONS
MANUAL (M)
PROGRAMMABLE (P)
GENERAL
REGULATORY COMPLIANCE
CE mark
DIMENSIONS
CW 801 and CW 1251
2RU 89mm (H) x 483mm (W) x 524mm (D)
CW 2501
3RU 133mm (H) x 483mm (W) x 524mm (D)
WEIGHT
CW 801
22kg
CW 1251
24kg
CW 2501
39kg
SHIPPING WEIGHT
CW 801
25kg
CW 1251
28kg
CW 2501
43kg
ENVIRONMENTAL
Cooling
Dual speed fan with side air intake, exhaust to rear
Operating Temperature
0 to 40 OC
Storage Temperature
-40OC to +70 OC
Humidity
0 to 85% at 25 OC de-rate to 50% at 40 OC (non condensing)
Altitude
Operating full power available up to 6,000 feet, non operating to 40,000 feet
ORDERING INFORMATION
MODEL NUMBER
OUTPUT (SINGLE PHASE)
INPUT (SINGLE PHASE)
MAXIMUM POWER
MAXIMUM CURRENT
135V
270V
VOLTAGE (47-63HZ)
CW-Manual
CW 801M
800VA
6.0A
3.0A
90 to 264VAC
CW 1251M
1250VA
9.4A
4.7A
103 to 264VAC
CW 2501M
2500VA
18.6A
9.3A
180 to 264VAC
CW-Programmable
CW 801P
800VA
6.0A
3.0A
90 to 264VAC
CW 1251P
1250VA
9.4A
4.7A
103 to 264VAC
CW 2501P
2500VA
18.6A
9.3A
180 to 264VAC
Options and Accessories
H: Expanded frequency range 45 to 1000Hz (CW-P only)
L: Locking shafts (front panel potentiometers) (CW-M only)
S: Sync In/Out (clock/lock) (standard on CW-P)
V: Extended voltage range 0-155V, 0-310V (CW-P only)
RACK SLIDE KIT
Part No. K16570-01
MULTI-UNIT CABLE
Part No. 890-497-40
Required for parallel and paralled polyphase CW-M and CW-P systems.
DIGITAL EXPANSION CABLE
Part No. 890-499-00 (CW-P only)
Required for parallel and paralled polyphase CW-P systems.
CW Series
800-2500VA PROGRAMMABLE AC POWER SERIES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com