Electronic Components Datasheet Search
  English  ▼

X  

C3771 Datasheet(PDF) 1 Page - Powerbox

Part # C3771
Description  1250 WATTS (AC) DC/D CSINGLE OUTPUT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

C3771 Datasheet(HTML) 1 Page - Powerbox

  C3771 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
433
Your dependable power partner – www.powerbox.com.au
C3700 Series
1250
W A TTS
(AC)
DC/DC
SINGLE
OUTPUT
Features
•
Single Output
•
6U x 28TE x 226mm
•
Weight: 6.5kg
INPUT VDC
OUTPUT VDC
18-36
OUTPUT
AMPS
36-75
45-90
80-160
160-320 320-380Vdc
(1)
320-640
(3)
OUTPUT
AMPS
MIN.
MAX.
C 3720
120(2)
C 3730
C 3740
C 3750
C 3770
C 3780 Z
C 3770 G
150(2)
4,5
5,5
C 3721
80
C 3731
C 3741
C 3751
C 3771
C 3781 Z
C 3771 G
100
8
10
C 3722
70
C 3732
C 3742
C 3752
C 3772
C 3782 Z
C 3772 G
85
11
13
C 3723
56
C 3733
C 3743
C 3753
C 3773
C 3783 Z
C 3773 G
70
14
16
C 3724
40
C 3734
C 3744
C 3754
C 3774
C 3784 Z
C 3774 G
50
23
26
C 3725
35
C 3735
C 3745
C 3755
C 3775
C 3785 Z
C 3775 G
42
26
30
C 3726
15
C 3736
C 3746
C 3756
C 3776
C 3786 Z
C 3776 G
18
58
68
C 3727
8
C 3737
C 3747
C 3757
C 3777
C 3787 Z
C 3777 G
10
100
130
C 3728
4
C 3738
C 3748
C 3758
C 3778
C 3788 Z
C 3778 G
5
200
250
C3729
19
C3739
C3749
C3759
C3779
C3789Z
C3779G
23
45
55
INPUT VAC
OUTPUTVDC
185-264 93-138
185-264
3x400
(320-460)
3x480
(400-530)
OUTPUT
AMPS
MIN. MAX.
C 3780
C 3790
C 3780 V
C 3790 V
150(2)
4,5
5,5
C 3781
C 3791
C 3781 V
C 3791 V
100
8
10
C 3782
C 3792
C 3782 V
C 3792 V
85
11
13
C 3783
C 3793
C 3783 V
C 3793 V
70
14
16
C 3784
C 3794
C 3784 V
C 3794 V
50
23
26
C 3785
C 3795
C 3785 V
C 3795 V
42
26
30
C 3786
C 3796
C 3786 V
C 3796 V
18
58
68
C 3787
C 3797
C 3787 V
C 3797 V
10
100
130
C 3788
C 3798
C 3788 V
C 3798 V
5
200
250
C 3789
C 3799
C 3789 V
C 3799 V
23
45
55
Technical Illustrations
C3700
Note:
1) Input by external PFC module also suitable
2) External fan recommended
3) Suited for wall-mount, alternatives upon request


Similar Part No. - C3771

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C377 COILCRAFT-C377 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C377 COILCRAFT-C377 Datasheet
100Kb / 1P
Designer’s Kits
More results

Similar Description - C3771

ManufacturerPart #DatasheetDescription
logo
Powerbox
C200 POWERBOX-C200 Datasheet
268Kb / 1P
50 WATTS (AC) DC/DC SINGLEI OUTPUT
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
C500 POWERBOX-C500 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
C600 POWERBOX-C600 Datasheet
501Kb / 1P
500 WATTS (AC) DC/D CSINGLE OUTPUT
C2600 POWERBOX-C2600 Datasheet
427Kb / 1P
700/800 WATTS (AC) DC/D CSINGLE OUTPUT
C3600 POWERBOX-C3600 Datasheet
381Kb / 1P
1700 WATTS (AC) DC/D CSINGLE OUTPUT
C4700 POWERBOX-C4700 Datasheet
528Kb / 2P
2500 WATTS (AC) DC/D CSINGLE OUTPUT
C5100 POWERBOX-C5100 Datasheet
880Kb / 2P
5000 WATTS (AC) DC/D CSINGLE OUTPUT
C6400 POWERBOX-C6400 Datasheet
370Kb / 1P
22000 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Integrated Power Design...
GRN-200-FN IPDPOWER-GRN-200-FN Datasheet
356Kb / 2P
200 WATTS MULTI OUTPUT AC-DC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com