Electronic Components Datasheet Search
  English  ▼

X  

L12 Datasheet(PDF) 1 Page - Powerbox

Part # L12
Description  1.5W - 3KV SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

L12 Datasheet(HTML) 1 Page - Powerbox

  L12 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Your dependable power partner – www.powerbox.com.au
215
L Series
1.5W-3KV
SINGLE
&
DUAL
OUTPUT
DC/DC
INDUSTRIAL
Features
•
Low ripple
•
Proven reliability.
•
Extensive filitering and shielding.
•
Proportional input/output.
•
Low cost/high performance
Specifications
INPUT
Voltage
0 to 12VDC.
Current
<150mA no load.
<300mA full load.
Typical turn-on voltage
<2 Volts.
OUTPUT
Power
1.5W.
Voltage
See table.
Current
See table.
Ripple
See table.
Regulation
10% (no load to full load).
Isolation
3,500V.
ENVIRONMENTAL
Operating temperature
–10°C to +60°C.
GENERAL
Dimensions
64 x 38 x 22 mm.
Weight
85g approx.
Packaging
Fully encapsulated.
Case material
Glass-filled Epoxy.
OPTIONS
Two pin-patterns.
External mounting box.
PIN#
FUNCTION
1
(+)Input
2
(–)Input
3
(+)Output
4
(–)Output
MODEL
NUMBER
OUTPUT
OUTPUT*1
RIPPLE
VOLTAGE
CURRENT
L03
0 to ±300V
5.00mA
0.075%
L05
0 to ±500V
3.00mA
0.075%
L10
0 to ±1,000V
1.50mA
0.025%
L12
0 to ±1,200V
1.25mA
0.025%
L15
0 to ±1,500V
1.00mA
0.030%
L20
0 to ±2,000V
0.75mA
0.025%
L25
0 to ±2,500V
0.60mA
0.200%
L30
0 to ±3,000V
0.50mA
0.200%
Note: 1. At maximum rated output voltage.
2.Pin out pattern “A” or “B” must be specified with model number.
Technical Illustration
Selection Table


Similar Part No. - L12

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
L12 OHMITE-L12 Datasheet
385Kb / 2P
Flame resistant coating
logo
SAMYANG ELECTRONICS CO....
L12 SAMYANG-L12 Datasheet
918Kb / 2P
SCHOTTKY BARRIE R RECTIFIERS
logo
List of Unclassifed Man...
L12-TCPA-PALLADIUM ETC-L12-TCPA-PALLADIUM Datasheet
131Kb / 12P
TCPA and Palladium
logo
Pulse A Technitrol Comp...
L120 PULSE-L120 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
logo
Hamamatsu Corporation
L12004-2190H-C HAMAMATSU-L12004-2190H-C Datasheet
544Kb / 8P
Quantum Cascade Laser
More results

Similar Description - L12

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PP10-24-5 LAMBDA-PP10-24-5 Datasheet
188Kb / 4P
Single, Dual output DC-DC converter 1.5W ~ 25W
PC6 LAMBDA-PC6 Datasheet
363Kb / 4P
Single output DC-DC converter 1.5W ~ 6W
PCD6 LAMBDA-PCD6 Datasheet
363Kb / 4P
Single output DC-DC converter 1.5W ~ 6W?
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
Single output DC-DC converter 1.5W ~ 25W???
PPD3 LAMBDA-PPD3 Datasheet
188Kb / 4P
Single output DC-DC converter 1.5W ~ 25W????
logo
Minmax Technology Co., ...
S2E00 MINMAX-S2E00 Datasheet
237Kb / 6P
1.5W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A100HI MPD-A100HI Datasheet
202Kb / 2P
Ultra-High Isolation, 1.5W Single & Dual Output DC/DC Converters
logo
Powerbox
MAB06 POWERBOX-MAB06 Datasheet
699Kb / 2P
3W SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Microdc power Technolog...
B-XD-1W5 MICRODC-B-XD-1W5 Datasheet
848Kb / 3P
Isolated 1.5W Single Output DC-DC Converters
3RB-XD MICRODC-3RB-XD Datasheet
459Kb / 2P
Isolated 1.5W Single Output DC-DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com