Electronic Components Datasheet Search
  English  ▼

X  

F60 Datasheet(PDF) 1 Page - Powerbox

Part # F60
Description  10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

F60 Datasheet(HTML) 1 Page - Powerbox

  F60 Datasheet HTML 1Page - Powerbox F60 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
217
F Series
10
W A TTS
SINGLE
&
DUAL
OUTPUT
DC/DC
INDUSTRIAL
Features
•
Metal case and shielded transformer result in
very low EMI/RFI
•
Low ripple
•
Compact package
•
PCB mountable
•
Input/output isolation
•
Input/output filtering
•
Proven reliability
•
Cost effective HV power
Specifications
INPUT
Voltage
See table.
Current
See table.
Typical turn-on voltage
0.7V.
OUTPUT
Power
10W.
Voltage
See table.
Current
See table.
Ripple
See table.
Regulation
10% (no load to full load).
Isolation
3,500V + Vout, F80-F121: 500V +Vout.
Efficiency
>70% typical.
MODEL
NUMBER
INPUT VOLTAGE INPUT CURRENT
INPUT CURRENT
OUTPUT VOLTAGE OUTPUT* CURRENT
RIPPLE
NO LOAD
FULL LOAD
F01
0 to 12V
<500mA
<1.75A
0 to ±100V
100mA
<1.0%
F02
0 to 12V
<500mA
<1.5A
0 to ±200V
50mA
<1.0%
F03
0 to 12V
<500mA
<1.5A
0 to ±300V
33.3mA
<1.0%
F04
0 to 12V
<500mA
<1.5A
0 to ±400V
25mA
<1.0%
F05
0 to 12V
<500mA
<1.5A
0 to ±500V
20mA
<0.1%
F06
0 to 12V
<500mA
<1.5A
0 to ±600V
16mA
<0.1%
F08
0 to 12V
<500mA
<1.5A
0 to ±800V
12.5mA
<0.1%
F10
0 to 12V
<500mA
<1.5A
0 to ±1000V
10mA
<0.1%
F15
0 to 12V
<500mA
<1.5A
0 to ±1500V
6.6mA
<0.1%
F20
0 to 12V
<500mA
<1.5A
0 to ±2000V
5mA
<1.0%
F30
0 to 15V
<500mA
<1.5A
0 to ±3000V
3.3mA
<1.0%
F40
0 to 15V
<500mA
<1.5A
0 to ±4000V
2.5mA
<1.0%
F50
0 to 15V
<500mA
<1.5A
0 to ±5000V
2mA
<1.0%
F60
0 to 15V
<500mA
<1.5A
0 to ±6000V
1.66mA
<1.0%
F80
0 to 15V
<500mA
<1.5A
0 to ±8000V
1.25mA
<2.5%
F101
0 to 15V
<500mA
<1.5A
0 to ±10000V
1mA
<2.5%
F121
0 to 15V
<500mA
<1.5A
0 to ±12000V
.834mA
<2.5%
* At max rated output voltage
ENVIRONMENTAL
Operating temperature
–10°C to +50°C.
Max case temperature
+85°C (measured at point indicated).
F80-F121: +70°C (measured at point indicated)
GENERAL
Dimensions
F01-F60: 71 x 43 x 21 mm.
F80-F121: 71 x 43 x 24 mm.
Weight
142g.
Packaging
Epoxy encapsulated.
OPTIONS
Mounting holes, add H to model number.
STANDARDS
C-Tick
AS/NZS CISPR11 Group 1 Class A
Selection Table


Similar Part No. - F60

ManufacturerPart #DatasheetDescription
logo
ETRI
F60 ETRI-F60 Datasheet
203Kb / 1P
PLASTIC FILTERS
logo
XP Power Limited
F60 XPPOWER-F60 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F60 XPPOWER-F60 Datasheet
2Mb / 6P
DC-HVDC C ONVERTER
22 Jun 2022
F60/F60CT XPPOWER-F60/F60CT Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
ETRI
F60/T102 ETRI-F60/T102 Datasheet
203Kb / 1P
PLASTIC FILTERS
More results

Similar Description - F60

ManufacturerPart #DatasheetDescription
logo
Powerbox
G01CT POWERBOX-G01CT Datasheet
564Kb / 3P
1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
MAB03 POWERBOX-MAB03 Datasheet
709Kb / 2P
3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD24 POWERBOX-MAD24 Datasheet
510Kb / 2P
8-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE13 POWERBOX-MAE13 Datasheet
580Kb / 2P
10-15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE15 POWERBOX-MAE15 Datasheet
558Kb / 2P
10-15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBB4A POWERBOX-PBB4A Datasheet
585Kb / 5P
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBB4A-C POWERBOX-PBB4A-C Datasheet
550Kb / 5P
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBBA-0505A POWERBOX-PBBA-0505A Datasheet
161Kb / 6P
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
SFS10481R2 POWERBOX-SFS10481R2 Datasheet
523Kb / 2P
10 - 30 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com