Electronic Components Datasheet Search
  English  ▼

X  

G601 Datasheet(PDF) 1 Page - Powerbox

Part # G601
Description  5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

G601 Datasheet(HTML) 1 Page - Powerbox

  G601 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
214
G Series
1.5
W A TTS
SINGLE
OUTPUT
DC/DC
INDUSTRIAL
Features
•
Low ripple
•
Miniature case size
•
Low EMI/RFI sinewave oscillator
•
Proportional input/output
•
User-selectable output polarity
•
Low cost/high performance
•
MTBF >2.29 million hrs per Bellcore TR-332
Specifications
INPUT
Voltage
0 to 12VDC.
Current
See table.
Typical turn-on voltage
0.7V.
OUTPUT
Power
1.5W.
Voltage
See table.
Current
See table.
Ripple
See table.
Regulation
10% (no load to full load).
Isolation
3,500V.
ENVIRONMENTAL
Operating temperature
–10°C to +60°C.
GENERAL
Dimensions
38.1 x 38.1 x 16 mm.
Weight
43g.
Packaging
Fully encapsulated.
Case material
Glass-filled Epoxy.
OPTIONS
Output center tap.
Consult your local Powerbox office.
External mounting box.
Low power consumtion
MODEL
NUMBER
INPUT
INPUT
OUTPUT
OUTPUT2
RIPPLE
CURRENT CURRENT
VOLTAGE
CURRENT
G01
<100mA
<250mA
0 to ±100V
0 to 15mA
<1.75%
G02
<100mA
<250mA
0 to ±200V
0 to 7.5mA <0.75%
G03
<100mA
<250mA
0 to ±300V
0 to 5mA
<0.75%
G05
<100mA
<250mA
0 to ±500V
0 to 3mA
<0.02%
G06
<100mA
<250mA
0 to ±600V
0 to 2.5mA
<0.1%
G10
<100mA
<250mA
0 to ±1000V
0 to 1.5mA
<0.1%
G12
<150mA
<275mA
0 to ±1200V 0 to 1.25mA <0.1%
G15
<125mA
<275mA
0 to ±1500V
0 to1mA
<0.5%
G20
<165mA
<275mA
0 to ±2000V 0 to 0.75mA <0.5%
G25
<125mA
<275mA
0 to ±2500V
0 to 0.6mA
<1.0%
G30
<125mA
<300mA
0 to ±3000V
0 to 0.5mA
<1.0%
G401
<125mA
<300mA
0 to ±4000V 0 to 0.37mA <1.0%
G501
<125mA
<300mA
0 to ±5000V
0 to 0.3mA
<2.0%
G601
<125mA
<300mA
0 to ±6000V 0 to 0.25mA <2.0%
Photomultiplier model
GPMT
<30mA
<75mA
0 to ±1250V
0 to 350uA
<0.5%
1. Models G40, G50 & G60 do no have internal bleeder resistors on the output.
Provisions must be made externally to discharge the output capacitors if this
feature is desired.
Technical Illustration
PIN#
FUNCTION
1
(+)Input
2
(–)Input
3
(+)Output
4
(–)Output
Selection Table


Similar Part No. - G601

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G601 GMT-G601 Datasheet
34Kb / 1P
Manual Reset IC with Adjustable Deglitch Time
logo
Guangdong Juxing Electr...
G601 JUXING-G601 Datasheet
3Mb / 3P
Surface Mount Standard Rectifiers
logo
Heyco.
G6010 HEYCO-G6010 Datasheet
90Kb / 1P
Heyco® Retaining Sealing Washers
G6011 HEYCO-G6011 Datasheet
90Kb / 1P
Heyco® Retaining Sealing Washers
G6013 HEYCO-G6013 Datasheet
90Kb / 1P
Heyco® Retaining Sealing Washers
More results

Similar Description - G601

ManufacturerPart #DatasheetDescription
logo
Powerbox
CA02P POWERBOX-CA02P Datasheet
405Kb / 1P
1 WATT SINGLE OUTPUT DC / DC INDUSTRIAL
DX100 POWERBOX-DX100 Datasheet
307Kb / 1P
1.5 WATT SINGLE OUTPUT DC / DC INDUSTRIAL
F01 POWERBOX-F01 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
G01CT POWERBOX-G01CT Datasheet
564Kb / 3P
1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
L03 POWERBOX-L03 Datasheet
646Kb / 1P
1.5W - 3KV SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAA02 POWERBOX-MAA02 Datasheet
532Kb / 2P
1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAB06 POWERBOX-MAB06 Datasheet
699Kb / 2P
3W SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE25 POWERBOX-MAE25 Datasheet
508Kb / 2P
15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE34 POWERBOX-MAE34 Datasheet
488Kb / 2P
15 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com