Electronic Components Datasheet Search
  English  ▼

X  

MAC04006 Datasheet(PDF) 2 Page - Powerbox

Part # MAC04006
Description  4-6 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MAC04006 Datasheet(HTML) 2 Page - Powerbox

  MAC04006 Datasheet HTML 1Page - Powerbox MAC04006 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
157
POWERBOX
ARTICLE
NUMBER
INPUT
VOLTAGE
VDC
OUTPUT
VOLTAGE
VDC
OUTPUT
CURRENT
MA
INPUT CURRENT
NO LOAD
MA
INPUT CURRENT
FULL LOAD
MA
MAC 04 003
9-18
3.3
1000
7.5
405
MAC 04 006
9-18
5
1000
7.5
545
MAC 04 009
9-18
12
470
7.5
585
MAC 04 012
9-18
15
400
7.5
625
MAC 04 015
9-18
±5
500
12
545
MAC 04 018
9-18
±12
230
12
575
MAC 04 021
9-18
±15
190
12
590
MAC 04 024
18-36
3.3
1000
5
195
MAC 04 027
18-36
5
1000
5
265
MAC 04 030
18-36
12
470
5
285
MAC 04 033
18-36
15
400
5
305
MAC 04 036
18-36
±5
500
7.5
265
MAC 04 039
18-36
±12
230
7.5
285
MAC 04 042
18-36
±15
190
7.5
295
MAC 04 045
36-72
3.3
1000
2
98
MAC 04 048
36-72
5
1000
2
133
MAC 04 051
36-72
12
470
2
145
MAC 04 054
36-72
15
400
2
154
MAC 04 057
36-72
±5
500
3
265
MAC 04 060
36-72
±12
230
3
142
MAC 04 063
36-72
±15
190
3
147
For isolation voltage 3kV add suffix -H to the article number. Ex MAC 04 003H
.
PIN
SINGLE
OUTPUT
DUAL
OUTPUT
1
+V Input
+V Input
2
NC
-V Output
3
NC
Common
9
NP
NP
10
-V Output
Common
11
+V Output
+V Output
12
-V Input
-V Input
13
-V Input
-V Input
14
+V Output
+V Output
15
-V Output
Common
16
NP
NP
17
NP
NP
22
NC
Common
23
NC
-V Output
24
+V Input
+V Input
PIN
SINGLE
OUTPUT
DUAL
OUTPUT
1
NP
NP
2
-V Input
-V Input
3
-V Input
-V Input
9
NC
Common
10
NC
NC
11
NC
-V Output
12
NP
NP
13
NP
NP
14
+V Output
+V Output
15
NC
NC
16
-V Output
Common
17
NP
NP
22
+V Input
+V Input
23
+V Input
+V Input
24
NP
NP
MAC 04 Series
4-6
W A TTS
SINGLE
&
DUAL
OUTPUT
DC/DC
INDUSTRIAL
Standard Pin Connection 500VDC
Pin Connection 3KVDC
Selection Table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com