Electronic Components Datasheet Search
  English  ▼

X  

MAE15021 Datasheet(PDF) 2 Page - Powerbox

Part # MAE15021
Description  10-15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MAE15021 Datasheet(HTML) 2 Page - Powerbox

  MAE15021 Datasheet HTML 1Page - Powerbox MAE15021 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
169
MAE 15 Series
10-15
W A T T S
SINGLE
&
MUL TI
OUTPUT
DC/DC
INDUSTRIAL
Pin Connection
PIN
SINGLE
DUAL
TRIPLE
1
Remote On/Off
Control
2
NP
NP
NP
3
-V Input
-V Input
-V Input
4
+V Input
+V Inut
+V Input
5
Trim
Trim
-Aux. Out
6
-V Output
-V Output
Common
7
+V Output
Common
+5V out
8
NP
+V Output
+Aux. Out
REMOTE ON/OFF CONTROL
Logic compatibility
CMOS or open collector TTL
Output-On
>5.5VDC or open circuit
Output-Off
<1.8VDC
Shutdown idle current
10mA
Input resistance
100K ohms (Ein 0 to 9VDC)
Control common
Referenced to input minus
EXTERNAL OUTPUT TRIMMING
Output may optionally be externally trimmed (±10%) with a
fixed resistor or an external trimpot as shown.
POWERBOX
ARTICLE
NUMBER
INPUT
VOLTAGE
VDC
OUTPUT
VOLTAGE
VDC
OUTPUT
CURRENT
mA
INPUT CURRENT
NO LOAD
mA
INPUT CURRENT
FULL LOAD
mA
MAE 15 003
9-36
3,3
3000
15
545
MAE 15 006
9-36
5
3000
15
810
MAE 15 009
9-36
12
1250
15
780
MAE 15 012
9-36
15
1000
15
780
MAE 15 015
9-36
±5
1500
20
810
MAE 15 018
9-36
±12
625
20
780
MAE 15 021
9-36
±15
500
20
780
MAE 15 024
9-36
5/±12
1500/310
20
780
MAE 15 027
9-36
5/±15
1500/250
20
780
MAE 15 030
18-72
3.3
3000
10
270
MAE 15 033
18-72
5
3000
10
410
MAE 15 036
18-72
12
1250
10
390
MAE 15 039
18-72
15
1000
10
390
MAE 15 042
18-72
±5
1500
15
400
MAE 15 045
18-72
±12
625
15
380
MAE 15 048
18-72
±15
500
15
380
MAE 15 051
18-72
5/±12
1500/310
15
380
MAE 15 054
18-72
5/±15
1500/250
15
380
Selection Table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com