Electronic Components Datasheet Search
  English  ▼

X  

MAH35 Datasheet(PDF) 2 Page - Powerbox

Part # MAH35
Description  25-30 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MAH35 Datasheet(HTML) 2 Page - Powerbox

  MAH35 Datasheet HTML 1Page - Powerbox MAH35 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
185
MAH 35 Series
25-30
W A TTS
SINGLE
&
MUL TI
OUTPUT
DC/DC
INDUSTRIAL
REMOTE ON/OFF CONTROL
Logic compatibility
CMOS or open collector TTL
Output-On
>5.5VDC or open circuit
Output-Off
<1.8VDC
Shutdown idle current 10mA
Input resistance
100K ohms (Ein 0 to 9VDC)
Control common
Referenced to input minus
PIN CONNECTION
PIN
SINGLE
OUTPUT
DUAL
OUTPUT
TRIPLE
OUTPUT
1
+V Input
+V Input
+V Input
2
-V Input
-V Input
-V Input
3
NP
+V Output
+V Output
4
Output trim
Common
Common
5
NP
-V Output
-V Output
6
+V Output
NP
+5V Output
7
-V Output
NP
NP
8
Remote on/off control
POWERBOX
ARTICLE
NUMBER
INPUT
VOLTAGE
VDC
OUTPUT
VOLTAGE
VDC
OUTPUT
CURRENT
mA
INPUT CURRENT
NO LOAD
mA
INPUT CURRENT
FULL LOAD
mA
MAE 35 003
9-36
5
3000
15
810
MAE 35 006
9-36
12
1250
15
780
MAE 35 009
9-36
15
1000
15
780
MAE 35 012
9-36
±12
625
20
780
MAE 35 015
9-36
±15
500
20
780
MAE 35 018
9-36
5/±12
1500/310
20
780
MAE 35 021
9-36
5/±15
1500/250
20
780
MAE 35 024
9-36
+5/+12/-5
1500/310/500
20
715
MAE 35 027
18-72
5
3000
10
410
MAE 35 030
18-72
12
1250
10
390
MAE 35 033
18-72
15
1000
10
390
MAE 35 036
18-72
±12
625
15
380
MAE 35 039
18-72
±15
500
15
380
MAE 35 042
18-72
5/±12
1500/310
15
380
MAE 35 045
18-72
5/±15
1500/250
15
380
MAE 35 048
18-72
+5/+12/-5
1500/310/500
15
350
NP = No pin.
EXTERNAL OUTPUT TRIMMING
Output may optionally be externally trimmed (±10%) with
a fixed resistor or an external trimpot as shown
Selection Table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com