Electronic Components Datasheet Search
  English  ▼

X  

MAH16021 Datasheet(PDF) 2 Page - Powerbox

Part # MAH16021
Description  17-30 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MAH16021 Datasheet(HTML) 2 Page - Powerbox

  MAH16021 Datasheet HTML 1Page - Powerbox MAH16021 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
171
MAH 16 Series
17-30
W A T T S
SINGLE
&
MUL TI
OUTPUT
DC/DC
INDUSTRIAL
Pin Connection
PIN
SINGLE
OUTPUT
DUAL
OUTPUT
TRIPLE
OUTPUT
1
Remote On/Off
Control
2
NP
NP
NP
3
-V Input
-V Input
-V Input
4
+V Input
+V Input
+V Input
5
Trim
Trim
-Aux. Out
6
-V Output
-V Output
Common
7
+V Output
Common
+5V Output
8
NP
+V Output
+Aux. Out
POWERBOX
ARTICLE
NUMBER
INPUT
VOLTAGE
VDC
OUTPUT
VOLTAGE
VDC
OUTPUT
CURRENT
mA
INPUT CURRENT
NO LOAD
mA
INPUT CURRENT
FULL LOAD
mA
MAH 16 003
9-18
3.3
5000
30
1860
MAH 16 006
9-18
5
5000
30
2675
MAH 16 009
9-18
12
2500
30
3050
MAH 16 012
9-18
15
2000
30
3050
MAH 16 015
9-18
±5
2500
35
2675
MAH 16 018
9-18
±12
1250
35
3050
MAH 16 021
9-18
±15
1000
35
3050
MAH 16 024
9-18
5/ ±12
3500/310
35
2640
MAH 16 027
9-18
5/ ±15
3500/250
35
2640
MAH 16 030
18-36
3.3
5000
30
920
MAH 16 033
18-36
5
5000
30
1336
MAH 16 036
18-36
12
2500
30
1525
MAH 16 039
18-36
15
2000
30
1525
MAH 16 042
18-36
±5
2500
30
1336
MAH 16 045
18-36
±12
1250
30
1470
MAH 16 048
18-36
±15
1000
30
1470
MAH 16 051
18-36
5/ ±12
3500/310
30
1320
MAH 16 054
18-36
5/ ±15
3500/250
30
1320
MAH 16 057
36-72
3.3
5000
20
460
MAH 16 060
36-72
5
5000
20
660
MAH 16 063
36-72
12
2500
20
765
MAH 16 066
36-72
15
2000
20
765
MAH 16 069
36-72
±5
2500
25
660
MAH 16 072
36-72
±12
1250
25
735
MAH 16 075
36-72
±15
1000
25
735
MAH 16 078
36-72
5/ ±12
3500/310
25
655
MAH 16 081
36-72
5/ ±15
3500/250
25
655
REMOTE ON/OFF CONTROL
Logic compatibility
CMOS or open collector TTL
Output-On
>5.5VDC or open circuit
Output-Off
<1.8VDC
Shutdown idle current
10mA
Input resistance
100K ohms (Ein 0 to 9VDC)
Control common
Referenced to input minus
EXTERNAL OUTPUT TRIMMING
Output may optionally be externally trimmed (±10%)
with a fixed resistor or an external trimpot as shown.
Selection Table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com