Electronic Components Datasheet Search
  English  ▼

X  

LTL-4233 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTL-4233
Description  Property of Lite-On Only
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-4233 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTL-4233 Datasheet HTML 1Page - Lite-On Technology Corporation LTL-4233 Datasheet HTML 2Page - Lite-On Technology Corporation LTL-4233 Datasheet HTML 3Page - Lite-On Technology Corporation LTL-4233 Datasheet HTML 4Page - Lite-On Technology Corporation LTL-4233 Datasheet HTML 5Page - Lite-On Technology Corporation LTL-4233 Datasheet HTML 6Page - Lite-On Technology Corporation LTL-4233 Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Features
* High Intensity.
* Popular T-1 3/4 diameter Package.
* Selected minimun intensities.
* General purpose leads.
* Reliable and rugged.
Package Dimensions
Part No.
Lens
Source Color
LTL-4233
Green Diffused
Green
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm(.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5. Specifications are subject to change without notice.
Part No. : LTL-4233
Page :
1
of
7
BNS-OD-C131/A4


Similar Part No. - LTL-4233

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-4233 LITEON-LTL-4233 Datasheet
638Kb / 6P
T-1 3/4 (3mm) Solid State LED Lamps
LTL-4233-001 LITEON-LTL-4233-001 Datasheet
239Kb / 5P
Property of Lite-On Only
LTL-4233-002 LITEON-LTL-4233-002 Datasheet
229Kb / 5P
Property of Lite-On Only
LTL-4233-012 LITEON-LTL-4233-012 Datasheet
229Kb / 5P
Property of Lite-On Only
LTL-4233-012A LITEON-LTL-4233-012A Datasheet
229Kb / 5P
Property of Lite-On Only
More results

Similar Description - LTL-4233

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com