Electronic Components Datasheet Search
  English  ▼

X  

MI-RAM-I2 Datasheet(PDF) 1 Page - Powerbox

Part # MI-RAM-I2
Description  MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MI-RAM-I2 Datasheet(HTML) 1 Page - Powerbox

  MI-RAM-I2 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
380
MI-RAM Series
MILIT AR Y COTS OUTPUT RIPPLE A TTENUA TOR MODULES
Features
•
Compatible with all MI- series modules
•
Military Specification Compliance
•
Environments: MIL-STD-810
•
Efficiency 93-99%
•
Operating Temperature to 100°C
•
No adjustment required
•
Reduces output PARD to < 10mVp-p
•
Full attenuation up to 20A load
Electrical Considerations
TRANSIENT RESPONSE AND DYNAMIC RANGE:
Full rated noise attenuation will be maintained at the MI-RAM output for step
load changes up to 10% of the rated output current of the source converter,
with the MI—RAM exhibiting an underdamped output excursion of less than
10mV pp. Some degradation in noise attenuation during the transient response
period following the step may be exhibited for larger load changes. Adding
output capacitance to the MI-RAM will increase the dynamic rejection range.
SENSE CONNECTION:
Both sense-in and sense-out connections are provided on the MI-RAM. Sense-
in connections must be connected to the corresponding sense connections on
the Vicor converter from which the MI-RAM is powered. Sense-out pins on the
MI-RAM must be connected either directly to the MI-RAM power-output pins, or
at the point of load.
OUTPUT LOAD CHARACTERISTICS:
When used in combinations with Vicor DC-DC converters, and with sense leads
connected, the MI-RAM will be stable for any non-inductive load.
Specifications
INPUT
Input Voltage Range
5Vdc to 50Vdc
DC Voltage Drop
0.34 to 0.38 No load to full load
OUTPUT
Efficiency
93 to 99%
Output Noise & Ripple
MI-200: 2mVp-p typical
MI-J00: 6mV p-p typical
10%-100% load
10%-100% load
Output Voltage Accuracy
99.5% to 100.5%
DC Voltage Drop
0.34 to 0.38 No load to full load
Full Load Current
MI-RAM-I1: 10A
MI-RAM-M1: 10A
MI-RAM-I2: 20A
MI-RAM-M2: 20A
OPERATING
Isolation Characteristics
Input / Output / Base 250V rms
ENVIRONMENTAL
Part number
MI-RAM-I2
MI-RAM-M2
Storage Temperature
-55°C to +125°C
-65°C to +125°C
Operating Temperature
(baseplate)
-40°C to +100°C
-55°C to +100°C
Power Cycling Burn-in
12hrs 25 cycles
96hrs 200 cycles
Temperature Cycling
48 hrs, 12cycles
-65°C to +100°C
48hrs, 12cycles
-65°C to +105°C
Test Data Supplied at these
Temperatures
-40°C, +80°C
-55°C, +80°C
Derating
NAVMATP-4855-1A
STANDARDS AND APPROVALS
Spikes
±50% nom line voltage per MIL-STD-6051 50ms
Conducted EMI
CE102 per MIL-STD-461D
Environmental (MIL-STD-810D)
Altitude – Method 500.2
40,000 ft
Humidity - Method 507.2
86,240 % hours
Acceleration – Method
513.3
9 g’s
Vibration – Method 514.3
20 g’s
Shock – Method 516.3
40 g’s
Reliability (MIL-HDBK-217E)
25°C Ground Benign
885,917 hours
50°C Naval Sheltered
87,068 hours
65°C Airborne inhabited
cargo
49,153 hours
MECHANICAL
Weight
85 grams
Dimensions
57.9 x 61 x 12.7mm


Similar Part No. - MI-RAM-I2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-RAM VICOR-MI-RAM Datasheet
209Kb / 1P
Military Ripple Attenuator Modules
More results

Similar Description - MI-RAM-I2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-IAM VICOR-MI-IAM Datasheet
202Kb / 2P
Military Input Attenuator Modules
MI-RAM VICOR-MI-RAM Datasheet
209Kb / 1P
Military Ripple Attenuator Modules
VI-RAM VICOR-VI-RAM Datasheet
102Kb / 2P
Ripple Attenuator Modules
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
103Kb / 2P
Military COTS Component Front-end Modules
MIL-STD-810 VICOR-MIL-STD-810 Datasheet
100Kb / 1P
Military COTS Ripple Attenuator Modules
M-FIAM3M21 VICOR-M-FIAM3M21 Datasheet
316Kb / 6P
Military COTS 270 Vin Filter Input Attenuator Module
M-FIAM7M21 VICOR-M-FIAM7M21 Datasheet
492Kb / 6P
Military COTS 28 Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
MILITARY COTS INPUT ATTENUATOR MODULES
MI-A22-MU POWERBOX-MI-A22-MU Datasheet
449Kb / 1P
200 WATTS MILITARY COTS INPUT ATTENUATOR MODULES
QPO-1L POWERBOX-QPO-1L Datasheet
799Kb / 1P
OUTPUT RIPPLE ATTENUATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com