Electronic Components Datasheet Search
  English  ▼

X  

HDBF09024B64 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDBF09024B64
Description  SAW FILTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDBF09024B64 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDBF09024B64 Datasheet HTML 1Page - Shoulder Electronics Limited. HDBF09024B64 Datasheet HTML 2Page - Shoulder Electronics Limited. HDBF09024B64 Datasheet HTML 3Page - Shoulder Electronics Limited. HDBF09024B64 Datasheet HTML 4Page - Shoulder Electronics Limited. HDBF09024B64 Datasheet HTML 5Page - Shoulder Electronics Limited. HDBF09024B64 Datasheet HTML 6Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SAW FILTER
HDBF09024B64
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 6
1. SCOPE
This specification shall cover the characteristics of SAW filter BF09024B64
2. ELECTRICAL SPECIFICATION
DC Voltage VDC
10V
AC Voltage Vpp
10V50Hz/60Hz
Operation temperature
-10℃ to +60℃
Storage temperature
-40℃ to +85℃
RF Power Dissipation
0dBm
Electronic Characteristics
Fo = 90.0 MHz
Terminating source impedance: 50 ohm and matching network
Terminating load impedance: 50 ohm and matching network
Minimum Typical
Maximum
Center Frequency
MHz
89.9
90.1
90.3
Insertion Loss
dB
-
32
33
2dB Bandwidth
35dB Bandwidth
MHz
MHz
24.0
-
24.11
24.75
-
24.8
Group Delay Variation(f0±11MHz)
nsec
-
120
-
Passband variation
dB
-
1.0
1.5
Ultimate Rejection
dB
48
52
-
Absolute Delay
usec
-
3.83
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com