Electronic Components Datasheet Search
  English  ▼

X  

PBBA-0505B Datasheet(PDF) 2 Page - Powerbox

Part # PBBA-0505B
Description  1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBBA-0505B Datasheet(HTML) 2 Page - Powerbox

  PBBA-0505B Datasheet HTML 1Page - Powerbox PBBA-0505B Datasheet HTML 2Page - Powerbox PBBA-0505B Datasheet HTML 3Page - Powerbox PBBA-0505B Datasheet HTML 4Page - Powerbox PBBA-0505B Datasheet HTML 5Page - Powerbox PBBA-0505B Datasheet HTML 6Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Your dependable power partner – www.powerbox.com.au
199
PBBA Series
1.5-10
W A TTS
SINGLE
&
DUAL
OUTPUT
DC/DC
INDUSTRIAL
MODEL
NUMBER
INPUT
VOLTAGE
Vdc
OUTPUT
VOLTAGE
Vdc
OUTPUT
CURRENT
A
OUTPUT
POWER
Watt
PBBA-0505A
4.5-9
5
0.3
1.5W
PBBA-0512A
4.5-9
12
0.13
1.5W
PBBA-0515A
4.5-9
15
0.1
1.5W
PBBA-1205A
9-18
5
0.3
1.5W
PBBA-1212A
9-18
12
0.13
1.5W
PBBA-1215A
9-18
15
0.1
1.5W
PBBA-2405A
18-36
5
0.3
1.5W
PBBA-2412A
18-36
12
0.13
1.5W
PBBA-2415A
18-36
15
0.1
1.5W
PBBA-4805A
36-76
5
0.3
1.5W
PBBA-4812A
36-76
12
0.13
1.5W
PBBA-4815A
36-76
15
0.1
1.5W
PBBA-0505B
4.5-9
5
0.6
3W
PBBA-0512B
4.5-9
12
0.25
3W
PBBA-0515B
4.5-9
15
0.2
3W
PBBA-1205B
9-18
5
0.6
3W
PBBA-1212B
9-18
12
0.25
3W
PBBA-1215B
9-18
15
0.2
3W
PBBA-2405B
18-36
5
0.6
3W
PBBA-2412B
18-36
12
0.25
3W
PBBA-2415B
18-36
15
0.2
3W
PBBA-4805B
36-76
5
0.6
3W
PBBA-4812B
36-76
12
0.25
3W
PBBA-4815B
36-76
15
0.2
3W
PBBA-053R3C
4.5-9
3.3
1
6W
PBBA-0505C
4.5-9
5
1
6W
PBBA-0512C
4.5-9
12
0.5
6W
PBBA-0515C
4.5-9
15
0.4
6W
PBBA-1205C
9-18
5
1.2
6W
PBBA-1212C
9-18
12
0.5
6W
PBBA-1215C
9-18
15
0.4
6W
PBBA-2405C
18-36
5
1.2
6W
PBBA-2412C
18-36
12
0.5
6W
PBBA-2415C
18-36
15
0.4
6W
MODEL
NUMBER
INPUT
VOLTAGE
Vdc
OUTPUT
VOLTAGE
Vdc
OUTPUT
CURRENT
A
OUTPUT
POWER
Watt
PBBA-483R3C
36-76
3.3
1
6W
PBBA-4805C
36-76
5
1.2
6W
PBBA-4812C
36-76
12
0.5
6W
PBBA-4815C
36-76
15
0.4
6W
PBBA-053R3D
4.5-9
3.3
1.6
10W
PBBA-0505D
4.5-9
5
1.6
10W
PBBA-0512D
4.5-9
12
0.7
10W
PBBA-0515D
4.5-9
15
0.6
10W
PBBA-1205D
9-18
5
2
10W
PBBA-1212D
9-18
12
0.9
10W
PBBA-1215D
9-18
15
0.7
10W
PBBA-2405D
18-36
5
2
10W
PBBA-2412D
18-36
12
0.9
10W
PBBA-2415D
18-36
15
0.7
10W
PBBA-483R3D
36-76
3.3
2
10W
PBBA-4805D
36-76
5
2
10W
PBBA-4812D
36-76
12
0.9
10W
PBBA-4815D
36-76
15
0.7
10W
MODEL
NUMBER
INPUT
VOLTAGE
Vdc
OUTPUT
VOLTAGE
Vdc
OUTPUT
CURRENT
A
OUTPUT
POWER
Watt
PBBA-05D12A
4.5-9
±12 or +24
0.065
1.5W
PBBA-05D15A
4.5-9
±15 or +30
0.05
1.5W
PBBA-12D12A
9-18
±12 or +24
0.065
1.5W
PBBA-12D15A
9-18
±15 or +30
0.05
1.5W
PBBA-24D12A
18-36
±12 or +24
0.065
1.5W
PBBA-24D15A
18-36
±15 or +30
0.05
1.5W
PBBA-48D12A
36-76
±12 or +24
0.065
1.5W
PBBA-48D15A
36-76
±15 or +30
0.05
1.5W
PBBA-05D12B
4.5-9
±12 or +24
0.13
3W
PBBA-05D15B
4.5-9
±15 or +30
0.1
3W
PBBA-12D12B
9-18
±12 or +24
0.13
3W
PBBA-12D15B
9-18
±15 or +30
0.1
3W
PBBA-24D12B
18-36
±12 or +24
0.13
3W
PBBA-24D15B
18-36
±15 or +30
0.1
3W
PBBA-48D12B
36-76
±12 or +24
0.13
3W
PBBA-48D15B
36-76
±15 or +30
0.1
3W
PBBA-05D12C
4.5-9
±12 or +24
0.25
6W
PBBA-05D15C
4.5-9
±15 or +30
0.2
6W
PBBA-12D12C
9-18
±12 or +24
0.25
6W
PBBA-12D15C
9-18
±15 or +30
0.2
6W
Selection Table - Dual Output
Selection Table - Single Output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com