Electronic Components Datasheet Search
  English  ▼

X  

LTL-5253 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTL-5253
Description  Property of Lite-On Only
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-5253 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTL-5253 Datasheet HTML 1Page - Lite-On Technology Corporation LTL-5253 Datasheet HTML 2Page - Lite-On Technology Corporation LTL-5253 Datasheet HTML 3Page - Lite-On Technology Corporation LTL-5253 Datasheet HTML 4Page - Lite-On Technology Corporation LTL-5253 Datasheet HTML 5Page - Lite-On Technology Corporation LTL-5253 Datasheet HTML 6Page - Lite-On Technology Corporation LTL-5253 Datasheet HTML 7Page - Lite-On Technology Corporation LTL-5253 Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Features
* High intensity light source with two lenses effects.
* Low profile.
* Low power consumption.
* Long life solid state reliability.
* I.C. compatibe/low current requirements.
* Reliable and rugged.
Package Dimensions
Part No.
Lens
Source Color
LTL-5253
Yellow Diffused
Yellow
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm(.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5. Specifications are subject to change without notice.
Part No. : LTL-5253
Page :
1
of
8
BNS-OD-C131/A4


Similar Part No. - LTL-5253

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-5254 LITEON-LTL-5254 Datasheet
183Kb / 4P
Property of Lite-On Only
More results

Similar Description - LTL-5253

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com