Electronic Components Datasheet Search
  English  ▼

X  

PM40AL Datasheet(PDF) 2 Page - Powerbox

Part # PM40AL
Description  40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PM40AL Datasheet(HTML) 2 Page - Powerbox

  PM40AL Datasheet HTML 1Page - Powerbox PM40AL Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
335
Your dependable power partner – www.powerbox.com.au
PM40AL Series
40 W A TTS SINGLE & MUL TIPLE OUTPUT AC/DC MEDICAL
MAX.
MODEL
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT
NUMBER (1)(2)
VNOM
IMIN
IMAX
TOL
VNOM
IMIN
IMAX
TOL
VNOM
IMIN
IMAX
TOL
POWER
PM40-10AL
5V
0A
8.0A
2%
40W
PM40-12AL
12V
0A
3.5A
1%
40W
PM40-13AL
15V
0A
3.0A
1%
40W
PM40-14AL
24V
0A
2.0A
1%
40W
PM40-18AL
48V
0A
0.9A
1%
40W
PM40-23AL
+5V
0.5A
3.0A
3%
+12V
0.2A
2A
5%
40W
PM40-24AL
+5V
0.5A
3.0A
3%
+15V
0.2A
2A
5%
40W
PM40-25AL
+5V
0.5A
3.0A
3%
+24V
0.1A
1A
5%
40W
PM40-30AL
+5V
0.5A
3.0A
3%
+12V
0.2A
2A
5%
-5V
0.05A
0.3A
10%
40W
PM40-31AL
+5V
0.5A
3.0A
3%
+12V
0.2A
2A
5%
-12V
0.05A
0.3A
10%
40W
PM40-32AL
+5V
0.5A
3.0A
3%
+15V
0.2A
2A
5%
-15V
0.05A
0.3A
10%
40W
PM40-33AL
+5V
0.5A
3.0A
3%
+15V
0.2A
2A
5%
-12V
0.05A
0.3A
10%
40W
PM40-39AL
+5V
0.5A
3.0A
3%
+24V
0.1A
1A
5%
-12V
0.05A
0.3A
10%
40W
NOTES:
(1) All multiple output models may be operated at no-load without damage. At no -load, output voltage tolerance increases to 10%.
(2) Safety agency approvals are for the above listed models in PCB mounted format. To order a model with a metallic L-bracket or box, change suffix “AL” to
“BL”for L-bracket format, to “CL” for enclosed format.
Selection Table
MODEL/PIN
1
2
3
4
5
6
PM40-10AL
PM40-13AL
PM40-18AL
PM40-12AL
PM40-14AL
Output 1
Output 1
Output 1
Return
Return
Return
PM40-23AL
PM40-25AL
PM40-24AL
Output 2
Output 1
Output 1
Common
Return
Common
Return
N.C.
PM40-30AL
PM40-32AL
PM40-39AL
PM40-31AL
PM40-33AL
Output 2
Output 1
Output 1
Common
Return
Common
Return
Output 3
Pin Chart
Technical Illustration



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com