Electronic Components Datasheet Search
  English  ▼

X  

PM65 Datasheet(PDF) 2 Page - Powerbox

Part # PM65
Description  50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PM65 Datasheet(HTML) 2 Page - Powerbox

  PM65 Datasheet HTML 1Page - Powerbox PM65 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
337
Your dependable power partner – www.powerbox.com.au
MAX.
MODEL
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
OUTPUT
NUMBER (1)(2) VNOM
IMIN
IMAX
TOL
VNOM IMIN
IMAX
TOL
VNOM
IMIN
IMAX TOL
VNOM
IMIN
IMAX
TOL
POWER
PM65-10A
5V
0A
10A
2%
50W
PM65-12A
12V
0A
5.5A
1%
65W
PM65-13A
15V
0A
4.5A
1%
65W
PM65-14A
24V
0A
3.0A
1%
65W
PM65-16A
30V
0A
2.5A
1%
65W
PM65-17A
36V
0A
2.2A
1%
65W
PM65-23A
+5V
1A
6.0A
3%
+12V
0.5A
3.0A
5%
65W
PM65-24A
+5V
1A
6.0A
3%
+15V
0.4A
3.0A
5%
65W
PM65-25A
+5V
1A
6.0A
3%
+24V
0.3A
2.0A
5%
65W
PM65-30A
+5V
1A
6.0A
3%
+12V
0.5A
3.0A
5%
-5V
0.1A
0.5A
10%
65W
PM65-31A
+5V
1A
6.0A
3%
+12V
0.5A
3.0A
5%
-12V
0.1A
0.5A
10%
65W
PM65-32A
+5V
1A
6.0A
3%
+15V
0.4A
3.0A
5%
-15V
0.1A
0.5A
10%
65W
PM65-33A
+5V
1A
6.0A
3%
+15V
0.4A
3.0A
5%
-12V
0.1A
0.5A
10%
65W
PM65-39A
+5V
1A
6.0A
3%
+24V
0.3A
2.0A
5%
-12V
0.1A
0.5A
10%
65W
PM65-40A
+5V
1A
6.0A
3%
+12V
0.5A
3.0A
5%
-12V
0.1A
0.5A
10%
-5V
0.1A
0.5A
10%
65W
NOTES:
(1) All multiple output models may be operated at no-load without damage. At no-load, output voltage tolerance increases to 10%.
(2) Safety agency approvals are for the above listed models in PCB mounted format. To order a model with a metallic L-bracket or box, change suffix “A” to
“B”for L-bracket format, to “C” for enclosed format
Selection Table
PM65 Series
50-65 W A TTS SINGLE & MUL TIPLE OUTPUT AC/DC MEDICAL
MODEL/PIN
1
2
3
4
5
6
7
8
PM65-10A
PM65-13A
PM65-16A
PM65-12A
PM65-14A
PM65-17A
Output 1
Output 1
Output 1
Output 1
Return
Return
Return
Return
PM65-23A
PM65-25A
PM65-24A
Output 1
Output 1
Common
Return
Common
Return
Output 2
Output 2
N.C.
N.C.
PM65-30AL
PM65-32AL
PM65-39AL
PM65-31AL
PM65-33AL
Output 1
Output 1
Common
Return
Common
Return
Output 2
Output 2
Output 3
N.C.
PM65-40A
Output 1
Output 1
Common
Return
Common
Return
Output 2
Output 2
Output 3
Output 4
Pin Chart
Technical Illustration



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com