Electronic Components Datasheet Search
  English  ▼

X  

PSC600 Datasheet(PDF) 2 Page - Powerbox

Part # PSC600
Description  250 - 800 WATTS DC/DC SINGLE OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PSC600 Datasheet(HTML) 2 Page - Powerbox

  PSC600 Datasheet HTML 1Page - Powerbox PSC600 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
423
Your dependable power partner – www.powerbox.com.au
PSC 600 Series
250-800
W A TTS
DC/DC
SINGLE
OUTPUT
MODEL NUMBER
INPUT
OUTPUT
CASE
6HE
POWER
PSC250 24/5
20-32V
5V
50A
46mm
10TE
250W
PSC400 24/12
20-32V
12V
33A
46mm
10TE
400W
PSC400 24/15
20-32V
15V
27A
46mm
10TE
400W
PSC600 24/24
20-32V
24V
25A
46mm
10TE
600W
PSC600 24/48
20-32V
48V
12.5A
46mm
10TE
600W
PSC600 24/110
20-32V
110V
5.5A
46mm
10TE
600W
PSC600 24/125
20-32V
125V
4.8A
46mm
10TE
600W
PSC250 48/5
41-60V
5V
50A
46mm
10TE
250W
PSC400 48/12
41-60V
12V
33A
46mm
10TE
400W
PSC700 48/12
41-60V
12V
60A
56mm
14TE
720W
PSC400 48/15
41-60V
15V
27A
46mm
10TE
400W
PSC800 48/15
41-60V
15V
54A
56mm
14TE
800W
PSC600 48/24
41-60V
24V
25A
46mm
10TE
600W
PSC800 48/24
41-60V
24V
33A
56mm
14TE
800W
PSC600 48/48
41-60V
48V
12.5A
46mm
10TE
600W
PSC800 48/48
41-60V
48V
17A
56mm
14TE
800W
PSC600 48/110
41-60V
110V
5.5A
46mm
10TE
600W
PSC800 48/110
41-60V
110V
7.3A
56mm
14TE
800W
PSC600 48/125
41-60V
125V
4.8A
46mm
10TE
600W
PSC800 48/125
41-60V
125V
6.4A
56mm
14TE
800W
PSC250 110/5
93-150V
5V
50A
46mm
10TE
250W
PSC400 110/12
93-150V
12V
33A
46mm
10TE
400W
PSC700 110/12
93-150V
12V
60A
56mm
14TE
720W
PSC400 110/15
93-150V
15V
27A
46mm
10TE
400W
PSC800 110/15
93-150V
15V
54A
56mm
14TE
800W
PSC600 110/24
93-150V
24V
25A
46mm
10TE
600W
PSC800 110/24
93-150V
24V
33A
56mm
14TE
800W
PSC600 110/48
93-150V
48V
12.5A
56mm
10TE
600W
PSC800 110/48
93-150V
48V
17A
46mm
14TE
800W
PSC600 110/110
93-150V
110V
5.5A
46mm
10TE
600W
PSC800 110/110
93-150V
110V
7.3A
56mm
14TE
800W
PSC600 110/125
93-150V
125V
4.8A
46mm
10TE
600W
PSC800 110/125
93-150V
125V
6.4A
56mm
14TE
800W
PSC250 220/5
187-300V
5V
50A
46mm
10TE
250W
PSC400 220/12
187-300V
12V
33A
46mm
10TE
400W
PSC700 220/12
187-300V
12V
60A
56mm
14TE
720W
PSC400 220/15
187-300V
15V
27A
46mm
10TE
400W
PSC800 220/15
187-300V
15V
54A
56mm
14TE
800W
PSC600 220/24
187-300V
24V
25A
46mm
10TE
600W
PSC800 220/24
187-300V
24V
33A
56mm
14TE
800W
PSC600 220/48
187-300V
48V
12.5A
46mm
10TE
600W
PSC800 220/48
187-300V
48V
17A
56mm
14TE
800W
PSC600 220/110
187-300V
110V
5.5A
46mm
10TE
600W
PSC800 220/110
187-300V
110V
7.3A
56mm
14TE
800W
PSC600 220/125
187-300V
125V
4.8A
46mm
10TE
600W
PSC800 220/125
187-300V
125V
6.4A
56mm
14TE
800W
Selection Table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com