Electronic Components Datasheet Search
  English  ▼

X  

PSC100B48 Datasheet(PDF) 2 Page - Powerbox

Part # PSC100B48
Description  100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PSC100B48 Datasheet(HTML) 2 Page - Powerbox

  PSC100B48 Datasheet HTML 1Page - Powerbox PSC100B48 Datasheet HTML 2Page - Powerbox PSC100B48 Datasheet HTML 3Page - Powerbox PSC100B48 Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
416
MODEL
NUMBER
INPUT
OUTPUT
CASE
OUTPUT
POWER
PSC100A5
10-30V
5V
20A
10TE
100W
PSC150A5
10-30V
5V
30A
12TE
150W
PSC100A12
10-30V
12V
8.3A
10TE
100W
PSC150A12
10-30V
12V
12.5A
12TE
150W
PSC100A13.2
10-30V
13.6V
7.4A
10TE
100W
PSC150A13.2
10-30V
13.6V
11A
12TE
150W
PSC100A15
10-30V
15V
6.7A
10TE
100W
PSC150A15
10-30V
15V
10A
12TE
150W
PSC100A24
10-30V
24V
4.2A
10TE
100W
PSC150A24
10-30V
24V
6.3A
12TE
150W
PSC100A48
10-30V
48V
2.1A
10TE
100W
PSC150A48
10-30V
48V
3.1A
12TE
150W
PSC100B5
20-60V
5V
20A
10TE
100W
PSC150B5
20-60V
5V
30A
12TE
150W
PSC100B12
20-60V
12V
8.3A
10TE
100W
PSC150B12
20-60V
12V
12.5A
12TE
150W
PSC100B13.2
20-60V
13.6V
7.4A
10TE
100W
PSC150B13.2
20-60V
13.6V
11A
12TE
150W
PSC100B15
20-60V
15V
6.7A
10TE
100W
PSC150B15
20-60V
15V
10A
12TE
150W
PSC100B24
20-60V
24V
4.2A
10TE
100W
PSC150B24
20-60V
24V
6.3A
12TE
150W
PSC100B48
20-60V
48V
2.1A
10TE
100W
PSC150B48
20-60V
48V
3.1A
12TE
150W
PSC100CT5
40-100V
5V
20A
10TE
100W
PSC150CT5
40-100V
5V
30A
12TE
150W
PSC100CT12
40-100V
12V
8.3A
10TE
100W
PSC150CT12
40-100V
12V
12.5A
12TE
150W
PSC100CT13.2
40-100V
13.6V
7.4A
10TE
100W
PSC150CT13.2
40-100V
13.6V
11A
12TE
150W
PSC100CT15
40-100V
15V
6.7A
10TE
100W
PSC150CT15
40-100V
15V
10A
12TE
150W
Selection Table- Single Outputs
MODEL
NUMBER
INPUT
OUTPUT
CASE
OUTPUT
POWER
PSC100CT24
40-100V
24V
4.2A
10TE
100W
PSC150CT24
40-100V
24V
6.3A
12TE
150W
PSC100CT48
40-100V
48V
2.1A
10TE
100W
PSC150CT48
40-100V
48V
3.1A
12TE
150W
PSC100C5
50-150V
5V
20A
10TE
100W
PSC150C5
50-150V
5V
30A
12TE
150W
PSC100C12
50-150V
12V
8.3A
10TE
100W
PSC150C12
50-150V
12V
12.5A
12TE
150W
PSC100C13.2
50-150V
13.6V
7.4A
10TE
100W
PSC150C13.2
50-150V
13.6V
11A
12TE
150W
PSC100C15
50-150V
15V
6.7A
10TE
100W
PSC150C15
50-150V
15V
10A
12TE
150W
PSC100C24
50-150V
24V
4.2A
10TE
100W
PSC150C24
50-150V
24V
6.3A
12TE
150W
PSC100C48
50-150V
48V
2.1A
10TE
100W
PSC150C48
50-150V
48V
3.1A
12TE
150W
PSC100D5
90-270V
5V
20A
10TE
100W
PSC150D5
90-270V
5V
30A
12TE
150W
PSC100D12
90-270V
12V
8.3A
10TE
100W
PSC150D12
90-270V
12V
12.5A
12TE
150W
PSC100D13.2
90-270V
13.6V
7.4A
10TE
100W
PSC150D13.2
90-270V
13.6V
11A
12TE
150W
PSC100D15
90-270V
15V
6.7A
10TE
100W
PSC150D15
90-270V
15V
10A
12TE
150W
PSC100D24
90-270V
24V
4.2A
10TE
100W
PSC150D24
90-270V
24V
6.3A
12TE
150W
PSC100D48
90-270V
48V
2.1A
10TE
100W
PSC150D48
90-270V
48V
3.1A
12TE
150W
PSC100E24
250-500V
24V
4.2A
10TE
100W
PSC150E24
250-500V
24V
6.3A
12TE
150W
PSC100E48
250-500V
48V
2.1A
10TE
100W
PSC150E48
250-500V
48V
3.1A
12TE
150W
PSC150 & 240 Series
100-240
W A TTS
DC/DC
SINGLE
&
MUL TI
OUTPUT
MODEL
NUMBER
INPUT
OUTPUT
CASE
OUTPUT
POWER
PSC240 24/15
18-32V
15V
14A
12TE
210W
PSC240 24/24
18-32V
24V
10A
12TE
240W
PSC240 24/48
18-32V
48V
5A
12TE
240W
PSC240 24/110
18-32V
110V
2.18A
12TE
240W
PSC240 48/15
38-60V
15V
14A
12TE
210W
PSC240 48/24
38-60V
24V
10A
12TE
240W
PSC240 48/48
38-60V
48V
5A
12TE
240W
PSC240 48/110
38-60V
110V
2.18A
12TE
240W
PSC240 110/15
88-150V
15V
14A
12TE
210W
PSC240 110/24
88-150V
24V
10A
12TE
240W
Selection Table- Single Outputs
MODEL
NUMBER
INPUT
OUTPUT
CASE
OUTPUT
POWER
PSC240 110/48
88-150V
48V
5A
12TE
240W
PSC240 110/110
88-150V
110V
2.18A
12TE
240W
PSC240 220/15
175-300V
15V
14A
12TE
210W
PSC240 220/24
175-300V
24V
10A
12TE
240W
PSC240 220/48
175-300V
48V
5A
12TE
240W
PSC240 220/110
175-300V
110V
2.18A
12TE
240W
PSC240 440/24
350-550V
24V
10A
12TE
240W
PSC240 440/48
350-550V
48V
5A
12TE
240W
PSC240 440/110
350-550V
110V
2.18A
12TE
240W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com