Electronic Components Datasheet Search
  English  ▼

X  

PUP30 Datasheet(PDF) 1 Page - Powerbox

Part # PUP30
Description  30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PUP30 Datasheet(HTML) 1 Page - Powerbox

  PUP30 Datasheet HTML 1Page - Powerbox PUP30 Datasheet HTML 2Page - Powerbox PUP30 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
263
Your dependable power partner – www.powerbox.com.au
Features
• Wide range of models
• Adjustable output voltage
• Single, dual, triple and quad output voltages
• Universal input
• Overcurrent protection
• Overvoltage protection
• UL, CSA, and CE approvals
• MEPS compliance
Specifications
INPUT
Input voltage
85–264Vac wide input
Frequency
47Hz–63Hz
Input current
PUP30: 0.80A @ 115V, 0.5A @ 230V
PUP55: 1.5A @ 115V, 0.9A @ 230V
PUP110: 3.2A @ 115VAC, 1.8A @ 230VAC
Isolation
Input – Output: 3000Vac
Input – Ground: 1500Vac
Output – Ground: 500Vac
Inrush current
15A @ 115V, 30A @ 230V
OUTPUT
Output voltage
See table
Output voltage adjustment
V1 only – see table, ±10% on multi outputs
Output current
See table
Output power
PUP30 @ 30W
PUP55 @ 55W
PUP110 @ 110W
Ripple & noise
1% peak to peak
Line regulation
±0.5% over input range
Load regulation
See table
Transient response
Max. deviation 4% recovering to 1% within
500µs after 25% load charge
Overvoltage protection
Provided on V1 only. Set at 110%–132% of
nominal
Overcurrent protection
All outputs protected for short circuit conditions
Temperature coefficient
All outputs ±0.04% per °C
Holdup time
Typically 10mS at 110VAC
PUP 30-110
30-110
W A TTS
SINGLE& MUL TIPLE OUTPUT AC/DC GENERAL
OPERATING
MTBF
100,000 hrs @ 25°C
Efficiency
65%–70%
Insulation resistance
10M from Output to Ground
PFD signal
Power fail detection optional on PUP110
ENVIRONMENTAL
Operating temperature
0°C to 50°C
Derating
Derate to 50% at 70°C
Storage temperature
-40°C to 85°C
Relative humidity
5%–95% non-condensing
STANDARDS AND APPROVALS
Office of energy
PUP30: N13637; PUP55: N13180
Safety
UL1950, CSA C22.2, EN60950
C-Tick
AS/NZS CISPR11 Group 1 Class A
EMC standards
EN61000-4-2, EN61000-4-3, -4, -5, -6, -8, -11
EMI standards
EN55022 level B, FCC level B, VCCI level B,
EN61000-3-2, EN61000-3-3
MECHANICAL
Input connector
IEC320 socket
Output connector
Various combinations of cord and plug available.
Consult our sales office
Dimensions
PUP30: 147x75x42mm
PUP55: 178x95x57mm
PUP110: 254x127x68mm
Weight
PUP30: 500g; PUP55: 700g; PUP110: 1.2kg
*For detailed data sheet and output Pin connections and connector type, call our
sales office


Similar Part No. - PUP30

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PUP30 TRUMPOWER-PUP30 Datasheet
185Kb / 2P
25- 30 WATT SWITCHING POWER SUPPLIES
PUP30-10 TRUMPOWER-PUP30-10 Datasheet
185Kb / 2P
25- 30 WATT SWITCHING POWER SUPPLIES
PUP30-10-1 TRUMPOWER-PUP30-10-1 Datasheet
185Kb / 2P
25- 30 WATT SWITCHING POWER SUPPLIES
PUP30-11 TRUMPOWER-PUP30-11 Datasheet
185Kb / 2P
25- 30 WATT SWITCHING POWER SUPPLIES
PUP30-12 TRUMPOWER-PUP30-12 Datasheet
185Kb / 2P
25- 30 WATT SWITCHING POWER SUPPLIES
More results

Similar Description - PUP30

ManufacturerPart #DatasheetDescription
logo
Powerbox
OBP02013 POWERBOX-OBP02013 Datasheet
802Kb / 3P
200-300 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM40AL POWERBOX-PM40AL Datasheet
566Kb / 2P
40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM41 POWERBOX-PM41 Datasheet
661Kb / 2P
30 -40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM110 POWERBOX-PM110 Datasheet
793Kb / 2P
72 - 110 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM200 POWERBOX-PM200 Datasheet
828Kb / 2P
200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM450 POWERBOX-PM450 Datasheet
439Kb / 3P
450 - 480 watts single & multiple output ac/dc medical
PM650 POWERBOX-PM650 Datasheet
444Kb / 3P
650 - 700 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
TR100 POWERBOX-TR100 Datasheet
386Kb / 1P
100 WATTS SINGLE OUTPUT AC/DC GENERAL
logo
Integrated Power Design...
NXT-100 IPDPOWER-NXT-100 Datasheet
390Kb / 2P
100 WATTS SINGLE OUTPUT AC-DC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com