Electronic Components Datasheet Search
  English  ▼

X  

PUP120 Datasheet(PDF) 2 Page - Powerbox

Part # PUP120
Description  120 WATTS SINGLE OUTPUT AC/DC GENERAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PUP120 Datasheet(HTML) 2 Page - Powerbox

  PUP120 Datasheet HTML 1Page - Powerbox PUP120 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
267
Your dependable power partner – www.powerbox.com.au
MAX.
MODEL
OUTPUT #1
OUTPUT
NUMBER
VNOM
IMIN
IMAX
TOL
POWER
PUP120-12
12V
0A
8.0A
5%
96W
PUP120-13
15V
0A
7.0A
5%
105W
PUP120-13-1
18V
0A
6.67A
5%
120W
PUP120-13-2
19V
0A
6.32A
5%
120W
PUP120-13-3
20V
0A
6.0A
5%
120W
PUP120-14
24V
0A
5.0A
5%
120W
PUP120-16
30V
0A
4.0A
5%
120W
PUP120-17
36V
0A
3.34A
5%
120W
PUP120-18
48V
0A
2.5A
5%
120W
NOTES:
Ripple and noise : Peak-to-peak with 20MHz bandwidth and 10
μF tantalum capacitor in paralllel with a 0.1μF ceramic capacitor at rated line voltage and load
ranges.
Selection Table
PUP 120 Series
120 W A TTS SINGLE OUTPUT AC/DC GENERAL
MODEL/PIN
1
2
3
4
SHELL OF
CONNECTOR
PUP120-12
PUP120-13
PUP120-13-1
PUP120-13-2
PUP120-13-3
PUP120-14
PUP120-16
PUP120-17
PUP120-18
Return
Output +V
Return
Output +V
Return
Pin Chart
Technical Illustrations



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com