Electronic Components Datasheet Search
  English  ▼

X  

8STA Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 8STA
Description  COMMON MODE CHOKE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

8STA Datasheet(HTML) 1 Page - Bothhand USA, LP.

  8STA Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Prepared :Qingli Wu
Approved: Xu Wenbing
Date : 2001/01/28
Drawing no.: ISDN Transformer
REV.: A2
Page : 1/1
COMMON MODE CHOKE
P/N:8STA DATA SHEET
A. General Specifications:
1. Used in suppression of EMI noise .
2. Design for Ethernet, Token ring .
B. Electrical Specifications@ 25°C :
1.Primary Inductance (Lp) : 18 µH MIN @ 100KHz/0.1Vrms
2.Leakage Inductance(L.L ) : 0.2 µH Max @100KHz/0.1Vrms
3.Cw/w
: 10 pF Max @100KHz/0.1V
4.Turn Ratio : 1:1:1:1
5.DCR : 0.25 Ω MAX
6.HI-POT : 1500 Vrms
C. Schematic & Mechanical:


Similar Part No. - 8STA

ManufacturerPart #DatasheetDescription
logo
SOURIAU-SUNBANK Connect...
8STA SOURIAU-8STA Datasheet
1Mb / 3P
Solder Contacts on Both Sides of Bulkhead
8STA7Y1235199 SOURIAU-8STA7Y1235199 Datasheet
1Mb / 3P
Solder Contacts on Both Sides of Bulkhead
More results

Similar Description - 8STA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2102-V347 VACUUMSCHMELZE-T60006-L2102-V347 Datasheet
37Kb / 2P
Common Mode Choke
T60405-R6123-X213 VACUUMSCHMELZE-T60405-R6123-X213 Datasheet
102Kb / 2P
Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com