Electronic Components Datasheet Search
  English  ▼

X  

SM700 Datasheet(PDF) 2 Page - Powerbox

Part # SM700
Description  600-700 WATTS PROGRAMMABLE DC SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

SM700 Datasheet(HTML) 2 Page - Powerbox

  SM700 Datasheet HTML 1Page - Powerbox SM700 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
465
SM 700 Series
600-700 W A TTS PROGRAMMABLE DC SUPPL Y
MODEL
NUMBER
OUTPUT
VOLTAGE
(0V TO)
OUTPUT
CURRENT
(0A TO)
RIPPLE & NOISE
CV
CC
PROGRAMMING
SPEED
(0V TO V MAX.)
LOAD REG.
0%–100%
CV
CC
LINE REG.
200-264VAC
CV
CC
SM 1540D
15V
40A
10mV pk-pk
25mA pk-pk
18mS
5mV
25mA
5mV
25mA
SM 7020D
35V
20A
15mV pk-pk
15mA pk-pk
12mS(0-35V)
5mV
12mA
5mV
12mA
70V
10A
40mS(0-70V)
SM 3004D
150V
4A
50mV pk-pk
3mA pk-pk
14mS(0-150V)
20mV
3mA
20mV
3mA
300V
2A
60mS(0-300V)
Selection Table
OPTIONS
Screwdriver adjustment - option P001
Master / slave operation
Battery charging SM7020-D: P021, SM3004-D: P022.
Increased max. output voltage / current - option P069
Enforced secondary isolation 1000V - option P089
Power sink for 2 quadrant operation - option P140 / 141
External ISO AMP for isolated analog programming - ISO AMP Module
External ethernet power supply controller - option PSC ETH EXT
External RS232 power suply controller - option PSC 232 EXT
External IEEE488 power supply controller - PSC 488 EXT
Technical Illustrations



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com