Electronic Components Datasheet Search
  English  ▼

X  

SM3000 Datasheet(PDF) 2 Page - Powerbox

Part # SM3000
Description  3000 WATTS PROGRAMMABLE DC SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

SM3000 Datasheet(HTML) 2 Page - Powerbox

  SM3000 Datasheet HTML 1Page - Powerbox SM3000 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
469
SM 3000 Series
3000 W A TTS PROGRAMMABLE DC SUPPL Y
MODEL
NUMBER
OUTPUT
VOLTAGE
(0V TO)
OUTPUT
CURRENT
(0A TO)
RIPPLE & NOISE
CV
CC
PROGRAMMING
SPEED
LOAD REG.
0%–100%
CV
CC
LINE REG.
200–264VAC
CV
CC
SM15-200D
15V
200A
12mV pk-pk
250mA pk-pk
7mS
5mV
50mA
5mV
50mA
SM30-100D
30V
100A
8mV pk-pk
60mA pk-pk
7mS
5mV
25mA
5mV
25mA
SM45-70D
45V
70A
17mV pk-pk
60mA pk-pk
7mS
5mV
15mA
5mV
15mA
SM70-45D
70V
45A
12mV pk-pk
25mA pk-pk
7mS
10mV
10mA
5mV
10mA
SM120-25D
120V
25A
25mV pk-pk
25mA pk-pk
7mS
10mV
10mA
10mV
10mA
SM300-10D
300V
10A
50mV pk-pk
10mA pk-pk
7mS
15mV
3mA
10mV
3mA
Selection Table
OPTIONS
Screwdriver adjustment - option P001
Master / slave operation
Battery charging
Increased max. output voltage / current - option P069
Enforced secondary isolation 1000V - option P089
High speed programming - SM15-200: P104, SM30-100: P031, SM45-70: P105,
SM70-45: P032, SM125-25: P106, SM300-10: P061.
Power sink for 2 quadrant operation - SM15-200: P127, SM30-100: P128, SM45-
70: P129, SM70-45: P130.
Built-in ISO AMP CARD for isolated analog programming - option P145
Built-in ethernet power supply controller - option P149
Built-in RS232 power suply controller - option P146
Built-in IEEE488 power supply controller - option P164
Technical Illustrations



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com