Electronic Components Datasheet Search
  English  ▼

X  

S676 Datasheet(PDF) 1 Page - Powerbox

Part # S676
Description  350 WATTS DC/DC SINGLE OUTPUT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

S676 Datasheet(HTML) 1 Page - Powerbox

  S676 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
430
S600 Series
350
W A TTS
(AC)
DC/DC
SINGLE
OUTPUT
Features
•
Single Output
•
3U x 42TE x 166.5mm
•
Weight 2.6kg
INPUT VDC
INPUT VAC 1)
OUTPUT VDC
10-16
OUTPUT
AMPS
18-36
OUTPUT
AMPS
36-75
45-90
80-160 160-320 185-264
93-138
185-264
OUTPUT
AMPS
MIN
MAX
S 600
30
S 620
50
S 630
S 640
S 650
S 670
S 680
S 690
50
4,5
5,5
S 601
20
S 621
30
S 631
S 641
S 651
S 671
S 681
S 691
32
8
10
S 602
15
S 622
24
S 632
S 642
S 652
S 672
S 682
S 692
26
11
13
S 603
12
S 623
20
S 633
S 643
S 653
S 673
S 683
S 693
22
14
16
S 604
8
S 624
12
S 634
S 644
S 654
S 674
S 684
S 694
14
23
26
S 605
7
S 625
10
S 635
S 645
S 655
S 675
S 685
S 695
12
26
30
S 606
3,6
S 626
5
S 636
S 646
S 656
S 676
S 686
S 696
5,2
58
68
S 607
1,8
S 627
2,5
S 637
S 647
S 657
S 677
S 687
S 697
3
100
130
S 608
0,9
S 628
1,25
S 638
S 648
S 658
S 678
S 688
S 698
1,5
200
250
S 609
4,4
S 629
6
S 639
S 649
S 659
S 679
S 689
S 699
6,5
45
55
Technical Illustrations
S600


Similar Part No. - S676

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6760 SATCO-S6760 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6762 SATCO-S6762 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S6763 SATCO-S6763 Datasheet
122Kb / 1P
36 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 v
S6764 SATCO-S6764 Datasheet
122Kb / 1P
36 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S6765 SATCO-S6765 Datasheet
122Kb / 1P
36 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
More results

Similar Description - S676

ManufacturerPart #DatasheetDescription
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
PB261 POWERBOX-PB261 Datasheet
408Kb / 2P
200-500 WATTS DC/DC SINGLE OUTPUT
PBIH-1205F POWERBOX-PBIH-1205F Datasheet
662Kb / 3P
15-150 WATTS DC/DC SINGLE OUTPUT
PSE100 POWERBOX-PSE100 Datasheet
560Kb / 2P
60 - 100 WATTS DC/DC SINGLE OUTPUT
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
150 - 250 WATTS DC/DC SINGLE OUTPUT
logo
Integrated Power Design...
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC4-110 IPDPOWER-DC4-110 Datasheet
390Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC4-150 IPDPOWER-DC4-150 Datasheet
383Kb / 2P
150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
DC4-185 IPDPOWER-DC4-185 Datasheet
404Kb / 2P
185 WATTS SINGLE/MULTI OUTPUT DC-DC
Rev. W 10/06/2022
NXT-325 IPDPOWER-NXT-325 Datasheet
430Kb / 2P
350 WATTS SINGLE OUTPUT AC-DC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com